Electronic Components Datasheet Search
  English  ▼

X  

DFR0251 Datasheet(PDF) 5 Page - DFROBOT

Part # DFR0251
Description  16A Relay Module(SKU:DFR0251)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0251 Datasheet(HTML) 5 Page - DFROBOT

  DFR0251 Datasheet HTML 1Page - DFROBOT DFR0251 Datasheet HTML 2Page - DFROBOT DFR0251 Datasheet HTML 3Page - DFROBOT DFR0251 Datasheet HTML 4Page - DFROBOT DFR0251 Datasheet HTML 5Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Plugging in an appliance
We will use "out1" for our example, using "out2" will simply reverse the logic, as explained above.
We recommend using a swappable cable to do this with, as using a relay requires you to perform
some minor surgery on the appliance's cable.
To plug in an appliance such as a lamp:
Cut and strip a portion of the positive wire so that you end up with two ends of the wire as shown in
Figure 2.
The relay should have the positive wire of the device being used connected to "IN" and to "Out 1" as
shown in figure 2, and any digital signal pin on the arduino end (For example pin 13).
Sending a digital high or a "1" will trigger the relay. Sending a digital low or "0" will disable the relay.
Powered By DFRobot © 2008-2017
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com