Electronic Components Datasheet Search
  English  ▼

X  

DFR0251 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0251
Description  16A Relay Module(SKU:DFR0251)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0251 Datasheet(HTML) 1 Page - DFROBOT

  DFR0251 Datasheet HTML 1Page - DFROBOT DFR0251 Datasheet HTML 2Page - DFROBOT DFR0251 Datasheet HTML 3Page - DFROBOT DFR0251 Datasheet HTML 4Page - DFROBOT DFR0251 Datasheet HTML 5Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
 
16A Relay Module(SKU:DFR0251)
Contents
1 Introduction
2 Specification
3 Relay Module Pinout
4 Test Connection Diagram
5 Sample Code
6 Plugging in an appliance
Introduction
A relay is an electrically operated switch, which has a control system (also known as the input
circuit) and the controlled system (also known as the output circuit), usually used in automatic
control circuit.It is actually "automatic switch" ,using a small electric current to control a larger
current.Therefore, the relay has the effects on the automatical automatic adjustment, security,
conversion circuit in the circuit and so on .
Relays are used where it is necessary to control a circuit by a low-power signal (with complete
electrical isolation between control and controlled circuits), or where several circuits must be
controlled by one signal.


Similar Part No. - DFR0251

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0250 DFROBOT-DFR0250 Datasheet
75Kb / 2P
AA Boost Module V2
DFR0256 DFROBOT-DFR0256 Datasheet
223Kb / 3P
Mega Multi‐Expansion shield SKU:DFR0256
DFR0257 DFROBOT-DFR0257 Datasheet
246Kb / 4P
IO Expansion Shield for Launchpad V1 SKU:DFR0257
DFR0258 DFROBOT-DFR0258 Datasheet
157Kb / 3P
RS232 Shield For Arduino
DFR0259 DFROBOT-DFR0259 Datasheet
224Kb / 6P
Arduino RS485 Shield SKU: DFR0259
More results

Similar Description - DFR0251

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALZ21B05 NAIS-ALZ21B05 Datasheet
66Kb / 3P
16A Low Profile Power Relay
logo
Tyco Electronics
OMIH-SH-124L MACOM-OMIH-SH-124L Datasheet
117Kb / 2P
16A Miniature Power PC Board Relay
logo
fujitsu semiconductor
FTR-K1-105C FUJITSU-FTR-K1-105C Datasheet
623Kb / 8P
POWER RELAY 1 POLE - 16A 105C
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
POWER RELAY 1 POLE - 16A / Inrush 120A relay
logo
Tyco Electronics
RTH14012 MACOM-RTH14012 Datasheet
137Kb / 2P
Power PCB Relay RTH 105째C 16A
OMIH-SH-105D MACOM-OMIH-SH-105D Datasheet
118Kb / 2P
16A Miniature Power PC Board Relay
OZ-SH-105D MACOM-OZ-SH-105D Datasheet
77Kb / 2P
16A Miniature Power PC Board Relay
2-1440002-3 MACOM-2-1440002-3 Datasheet
77Kb / 2P
16A Miniature Power PC Board Relay
1-1415538-1 MACOM-1-1415538-1 Datasheet
426Kb / 2P
Power PCB Relay RTH 105Celsius 16A
logo
TE Connectivity Ltd
RZH TEC-RZH Datasheet
273Kb / 2P
Power PCB Relay RZH 105째C 16A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com