Electronic Components Datasheet Search
  English  ▼

X  

DFR0251 Datasheet(PDF) 4 Page - DFROBOT

Part # DFR0251
Description  16A Relay Module(SKU:DFR0251)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0251 Datasheet(HTML) 4 Page - DFROBOT

  DFR0251 Datasheet HTML 1Page - DFROBOT DFR0251 Datasheet HTML 2Page - DFROBOT DFR0251 Datasheet HTML 3Page - DFROBOT DFR0251 Datasheet HTML 4Page - DFROBOT DFR0251 Datasheet HTML 5Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Sample Code
/*
# Product: 16A Relay Module
# SKU
: DFR0251
# Description:
#
This sample code is combined
with the figure above to test the relay m
odule whether works normally.
# Link:
#
D
--
2
// Signal
#
GND
--
GND
#
VCC
--
VCC
#
COM
--
13
// INPUT
#
NO
--
LED +
// OUTPUT
#
LED - --
GND
*/
int Relay = 3;
void setup()
{
pinMode(13, OUTPUT);
//Set Pin13 as output
digitalWrite(13, HIGH);
//Set Pin13 High
pinMode(Relay, OUTPUT);
//Set Pin3 as output
}
void loop()
{
digitalWrite(Relay, HIGH);
//Turn off relay
delay(2000);
digitalWrite(Relay, LOW);
//Turn on relay
delay(2000);
}



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com