Electronic Components Datasheet Search
  English  ▼

X  

DFR0251 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0251
Description  16A Relay Module(SKU:DFR0251)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0251 Datasheet(HTML) 2 Page - DFROBOT

  DFR0251 Datasheet HTML 1Page - DFROBOT DFR0251 Datasheet HTML 2Page - DFROBOT DFR0251 Datasheet HTML 3Page - DFROBOT DFR0251 Datasheet HTML 4Page - DFROBOT DFR0251 Datasheet HTML 5Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
The 16A relay module can be used in interactive projects. It can also be used to control the lighting,
electrical and other equipments. It can be controlled through the digital IO port, such as solenoid
valves, lamps, motors and other high current or high voltage devices.
The main difference between 16A Relay module and the old version relay module is the Max
switching current.The max switching current of old version is 10A,and now the new version is 16A.
Specification
Contact Rating (Res. Load):16A 277VAC/24VDC
Maximum switching voltage: 400VAC(NO)
Max. switching current: 16A
Max. switching power: 4700VA
Operate tiem (at nomi. Vot.): 10ms max
Release time (at nomi. Vot.): 5ms max
Type: Digital
Single relay board
Digital Interface
Control signal: TTL level
Relay Module Pinout
There are a total of 7 pins on the relay module board.
Link Arduino Side:
1. Signal
2. Vcc
3. GND
Link Appliance Side:
1. COM(IN): input positive wire from appliance
2. N/A(NC): not connected
3. NC(OUT1): Normally closed, which means that when the relay is off (a digital low "0" is received
from Arduino) the device is ON
4. NO(OUT2): Normally open, which means that when the relay is on (a digital high "1" is received from
Arduino) the device is ON.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com