Electronic Components Datasheet Search
  English  ▼

X  

OPA810 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA810
Description  OPA810-Q1 Automotive, 140MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA810 Datasheet(HTML) 2 Page - Texas Instruments

  OPA810 Datasheet HTML 1Page - Texas Instruments OPA810 Datasheet HTML 2Page - Texas Instruments OPA810 Datasheet HTML 3Page - Texas Instruments OPA810 Datasheet HTML 4Page - Texas Instruments OPA810 Datasheet HTML 5Page - Texas Instruments OPA810 Datasheet HTML 6Page - Texas Instruments OPA810 Datasheet HTML 7Page - Texas Instruments OPA810 Datasheet HTML 8Page - Texas Instruments OPA810 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison Table...............................................2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................4
6.5 Electrical Characteristics: 24V.................................... 5
6.6 Electrical Characteristics: 5V...................................... 7
6.7 Typical Characteristics: VS = 24V............................... 8
6.8 Typical Characteristics: VS = 5V................................11
6.9 Typical Characteristics: ±2.375V to ±12V Split
Supply......................................................................... 13
7 Detailed Description......................................................17
7.1 Overview................................................................... 17
7.2 Functional Block Diagram......................................... 17
7.3 Feature Description...................................................18
7.4 Device Functional Modes..........................................19
8 Application and Implementation.................................. 20
8.1 Application Information............................................. 20
8.2 Typical Applications.................................................. 25
8.3 Power Supply Recommendations.............................28
8.4 Layout....................................................................... 28
9 Device and Documentation Support............................31
9.1 Documentation Support............................................ 31
9.2 Receiving Notification of Documentation Updates....31
9.3 Support Resources................................................... 31
9.4 Trademarks...............................................................31
9.5 Electrostatic Discharge Caution................................31
9.6 Glossary....................................................................31
10 Revision History.......................................................... 31
11 Mechanical, Packaging, and Orderable
Information.................................................................... 32
4 Device Comparison Table
DEVICE
SUPPLY
VOLTAGE, ±VS
(V)
IQ/CHANNEL
TYPICAL
(mA)
GAIN
BANDWIDTH
(MHz)
SLEW
RATE
(V/µs)
VOLTAGE
NOISE
(nV/√Hz)
AMPLIFIER
DESCRIPTION
OPA810-Q1
27
3.8
70
200
6.3
Unity-gain-stable, FET-input
amplifier
OPA2863-Q1
12.6
0.69
50
105
5.9
Rail-to-rail input and output,
voltage-feedback amplifier
OPAx365-Q1
5.5
4.6
50
25
4.5
Rail-to-rail input/output,low-
noise, CMOS amplifier
OPA2836-Q1
5.5
0.95
118
560
4.6
Rail-to-rail-output, negative-rail-
input, voltage-feedback
amplifier
TLV365-Q1
5.5
4.6
50
27
4.5
Rail-to-rail input and output,
CMOS operational amplifiers
OPA810-Q1
SLOSEE7 – MAY 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA810-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com