Electronic Components Datasheet Search
  English  ▼

X  

OPA810 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA810
Description  OPA810-Q1 Automotive, 140MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA810 Datasheet(HTML) 4 Page - Texas Instruments

  OPA810 Datasheet HTML 1Page - Texas Instruments OPA810 Datasheet HTML 2Page - Texas Instruments OPA810 Datasheet HTML 3Page - Texas Instruments OPA810 Datasheet HTML 4Page - Texas Instruments OPA810 Datasheet HTML 5Page - Texas Instruments OPA810 Datasheet HTML 6Page - Texas Instruments OPA810 Datasheet HTML 7Page - Texas Instruments OPA810 Datasheet HTML 8Page - Texas Instruments OPA810 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VS
Supply voltage (total bipolar supplies)(2)
±14
V
VIN
Input voltage
VS– – 0.5
VS+ + 0.5
V
VIN,Diff
Differential input voltage(3)
±7
V
II
Continuous input current
±10
mA
IO
Continuous output current(4)
±15
mA
PD
Continuous power dissipation
See Section 6.4
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
125
°C
(1)
Operation outside the Absolute Maximum Ratings can cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions. If
used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device can not be fully functional,
and this can affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
VS is the total supply voltage given by VS = VS+ – VS– .
(3)
Equal to the lower of ±7V or total supply voltage.
(4)
Long-term continuous output current for electromigration limits.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±1500
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Total supply voltage
4.75
27
V
TA
Ambient temperature
–40
25
125
°C
6.4 Thermal Information
THERMAL METRIC(1)
OPA810-Q1
UNIT
DBV (SOT-23)
5 PINS
RθJA
Junction-to-ambient thermal resistance
183.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
80.5
°C/W
RθJB
Junction-to-board thermal resistance
50.2
°C/W
ψJT
Junction-to-top characterization parameter
18.0
°C/W
ψJB
Junction-to-board characterization parameter
49.8
°C/W
(1)
For information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report.
OPA810-Q1
SLOSEE7 – MAY 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA810-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com