Electronic Components Datasheet Search
  English  ▼

X  

OPA810 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA810
Description  OPA810-Q1 Automotive, 140MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA810 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA810 Datasheet HTML 8Page - Texas Instruments OPA810 Datasheet HTML 9Page - Texas Instruments OPA810 Datasheet HTML 10Page - Texas Instruments OPA810 Datasheet HTML 11Page - Texas Instruments OPA810 Datasheet HTML 12Page - Texas Instruments OPA810 Datasheet HTML 13Page - Texas Instruments OPA810 Datasheet HTML 14Page - Texas Instruments OPA810 Datasheet HTML 15Page - Texas Instruments OPA810 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
6.8 Typical Characteristics: VS = 5V (continued)
at VS+ = 5V, VS– = 0V, VCM= 1.25V, RL = 1kΩ, output is biased to midsupply, and TA ≅ 25°C; for ac specifications, VS+ = 3.5V,
VS– = –1.5V, VCM = 0V, VO = 2VPP, gain (G) = 2V/V, RF = 1kΩ, and CL = 4.7pF (unless otherwise noted)
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
-125
-100
-75
-50
-25
0
25
50
75
100
125
D016
Output saturated and then short-circuited
Figure 6-23. Output Short-Circuit Current vs Ambient
Temperature
Input Common-Mode Voltage (V)
-3
-2
-1
0
1
2
3
-1000
-500
0
500
1000
D017
Measured for 12 units
Figure 6-24. Input Offset Voltage vs Input Common-Mode
Voltage
OPA810-Q1
SLOSEE7 – MAY 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA810-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com