Electronic Components Datasheet Search
  English  ▼

X  

OPA810 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA810
Description  OPA810-Q1 Automotive, 140MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA810 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA810 Datasheet HTML 9Page - Texas Instruments OPA810 Datasheet HTML 10Page - Texas Instruments OPA810 Datasheet HTML 11Page - Texas Instruments OPA810 Datasheet HTML 12Page - Texas Instruments OPA810 Datasheet HTML 13Page - Texas Instruments OPA810 Datasheet HTML 14Page - Texas Instruments OPA810 Datasheet HTML 15Page - Texas Instruments OPA810 Datasheet HTML 16Page - Texas Instruments OPA810 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
6.9 Typical Characteristics: ±2.375V to ±12V Split Supply
at VO = 2VPP, RF = 1kΩ, RL = 1kΩ, and TA ≅ 25°C (unless otherwise noted)
Frequency (Hz)
-10
40
10
60
30
80
50
100
70
120
90
140
110
160
130
180
10
100
1k
10k
100k
1M
10M
100M
D109
Magnitude
Phase
Simulated with no output load
Figure 6-25. Open-Loop Gain and Phase vs Frequency
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
100k
1M
10M
100M
VS = 5V
VS = 10V
VS = 24V
See Figure 8-1, G = 1V/V, RF = 0Ω
Figure 6-26. Large-Signal Response vs Supply Voltage
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
100k
1M
10M
100M
VS= 5V
VS= 10V
VS= 24V
See Figure 8-1, G = 2V/V
Figure 6-27. Large-Signal Response vs Supply Voltage
Frequency (Hz)
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
1k
10k
100k
1M
HD2, VS = 5V
HD3, VS = 5V
HD2, VS = 10V
HD3, VS = 10V
HD2, VS = 24V
HD3, VS = 24V
See Figure 8-1, G = 2V/V
Figure 6-28. Harmonic Distortion vs Frequency vs Supply
Voltage
Frequency (Hz)
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
1k
10k
100k
1M
HD2, VS = 5V
HD3, VS = 5V
HD2, VS = 10V
HD3, VS = 10V
HD2, VS = 24V
HD3, VS = 24V
See Figure 8-2, G = –1V/V
Figure 6-29. Harmonic Distortion vs Frequency vs Supply
Voltage
Frequency (Hz)
-21
-18
-15
-12
-9
-6
-3
0
3
6
100k
1M
10M
100M
RS = 0, CL = 4.7pF
RS = 0, CL = 10pF
RS = 56, CL = 22pF
RS = 40, CL = 33pF
RS = 47, CL = 47pF
See Figure 8-1 and Figure 7-1,
VS = 10V, VO = 20mVPP, gain = 1V/V, RF = 0Ω
Figure 6-30. Small-Signal Frequency Response vs CL
www.ti.com
OPA810-Q1
SLOSEE7 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA810-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com