Electronic Components Datasheet Search
  English  ▼

X  

OPA810 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA810
Description  OPA810-Q1 Automotive, 140MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA810 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA810 Datasheet HTML 17Page - Texas Instruments OPA810 Datasheet HTML 18Page - Texas Instruments OPA810 Datasheet HTML 19Page - Texas Instruments OPA810 Datasheet HTML 20Page - Texas Instruments OPA810 Datasheet HTML 21Page - Texas Instruments OPA810 Datasheet HTML 22Page - Texas Instruments OPA810 Datasheet HTML 23Page - Texas Instruments OPA810 Datasheet HTML 24Page - Texas Instruments OPA810 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
8.1.2 Selection of Feedback Resistors
The OPA810-Q1 is a classic voltage-feedback amplifier with each channel having two high-impedance inputs
and a low-impedance output. Standard application circuits (see also Figure 8-3 and Figure 8-4) include the
noninverting- and inverting-gain configurations. The dc operating point for each configuration is level-shifted
by the reference voltage VREF, which is typically set to midsupply in single-supply operation. VREF is often
connected to ground in split-supply applications.
+
–
VIN
RG
VREF
VREF
RF
VSIG
VREF
(1+RF/RG)VSIG
VO
VS+
VS–
Figure 8-3. Noninverting Amplifier
+
–
VIN
RG
VREF
VREF
RF
VSIG
VREF
–(RF/RG)VSIG
VO
VS+
VS–
Figure 8-4. Inverting Amplifier
Equation 3 shows the closed-loop gain of an amplifier in noninverting configuration.
VO = VIN1 + RFRG  + VREF
(3)
Equation 4 shows the closed-loop gain of an amplifier in an inverting configuration.
VO = VIN − RFRG  + VREF
(4)
The magnitude of the low-frequency gain is determined by the ratio of the magnitudes of the feedback resistor
(RF) and the gain setting resistor RG. The order of magnitudes of the individual values of RF and RG offer a
trade-off between amplifier stability, power dissipated in the feedback resistor network, and total output noise.
The feedback network increases the loading on the amplifier output. Using large values of the feedback resistors
reduces the power dissipated at the amplifier output. Conversely, large feedback-resistor values increase the
inherent voltage and amplifier current noise contribution seen at the output while lowering the frequency at
which a pole occurs in the feedback factor (β). This pole causes a decrease in the phase margin at zero-gain
crossover frequency and potential instability. Using small feedback resistors increases power dissipation and
also degrades amplifier linearity due to a heavier amplifier output load. Figure 8-5 illustrates a representative
schematic of the OPA810-Q1 in an inverting configuration with the input capacitors shown.
+
–
VIN
VREF
VSIG
VREF
–(RF / RG)VSIG
VO
VS+
VS–
RG
CPCB
RG
CDIFF
CCM
CCM
Figure 8-5. Inverting Amplifier With Input Capacitors
www.ti.com
OPA810-Q1
SLOSEE7 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA810-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com