Electronic Components Datasheet Search
  English  ▼

X  

AP7372 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP7372
Description  LOW-NOISE, 20V, 200mA ULDO REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7372 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP7372 Datasheet HTML 5Page - Diodes Incorporated AP7372 Datasheet HTML 6Page - Diodes Incorporated AP7372 Datasheet HTML 7Page - Diodes Incorporated AP7372 Datasheet HTML 8Page - Diodes Incorporated AP7372 Datasheet HTML 9Page - Diodes Incorporated AP7372 Datasheet HTML 10Page - Diodes Incorporated AP7372 Datasheet HTML 11Page - Diodes Incorporated AP7372 Datasheet HTML 12Page - Diodes Incorporated AP7372 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AP7372
Document number: DS46597 Rev. 3 - 2
9 of 15
www.diodes.com
May 2025
© 2025 Copyright Diodes Incorporated. All Rights Reserved.
AP7372
Performance Characteristics (continued)
Load Transient Response
Load Transient Response
VIN=3V, VOUT=1.8V
VIN=5V, VOUT=3.3V
Load Transient Response
Line Transient Response
VIN=7V, VOUT=5V
VOUT=1.8V
Line Transient Response
Line Transient Response
VOUT=3.3V
VOUT=5V
I
OUT(DC)
=1 to 200mA(200mA/div)
t
R
=t
F
=1µs
VOUT(AC) (20mV/div)
I
OUT(DC)
=1 to 200mA(200mA/div)
t
R
=t
F
=1µs
VOUT(AC) (20mV/div)
I
OUT(DC)
=1 to 200mA(200mA/div)
t
R
=t
F
=1µs
VOUT(AC) (20mV/div)
VOUT(AC) (20mV/div)
V
IN(DC)
=3 to 4V(1V/div)
t
R
=t
F
=1µs
VOUT(AC) (20mV/div)
V
IN(DC)
=6 to 7V(2V/div)
t
R
=t
F
=1µs
VOUT(AC) (20mV/div)
V
IN(DC)
=7 to 8V(2V/div)
t
R
=t
F
=1µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com