Electronic Components Datasheet Search
  English  ▼

X  

AP7372 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP7372
Description  LOW-NOISE, 20V, 200mA ULDO REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7372 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP7372 Datasheet HTML 7Page - Diodes Incorporated AP7372 Datasheet HTML 8Page - Diodes Incorporated AP7372 Datasheet HTML 9Page - Diodes Incorporated AP7372 Datasheet HTML 10Page - Diodes Incorporated AP7372 Datasheet HTML 11Page - Diodes Incorporated AP7372 Datasheet HTML 12Page - Diodes Incorporated AP7372 Datasheet HTML 13Page - Diodes Incorporated AP7372 Datasheet HTML 14Page - Diodes Incorporated AP7372 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
AP7372
Document number: DS46597 Rev. 3 - 2
12 of 15
www.diodes.com
May 2025
© 2025 Copyright Diodes Incorporated. All Rights Reserved.
AP7372
Application Information (continued)
Thermal Protection
The AP7372 has internal thermal sense and protection circuits. When excessive power dissipation happens on the device, such as short circuit at
the output pin or very heavy load current with a large voltage drop across the device, the internal thermal protection circuit will be triggered, shutting
down the power MOSFET to prevent the LDO from damage. As soon as the excessive thermal condition is removed and the temperature of the
device drops down, the thermal protection circuit will release the control of the power MOSFET, and the LDO device returns to normal operation.
Layout Considerations
For good ground loop and stability, the input and output capacitors should be located close to the input, output, and ground pins of the device. The
regulator ground pin should be connected to the external circuit ground to reduce voltage drop caused by trace impedance. Ground plane is generally
used to reduce trace impedance. Wide trace should be used for large current paths from VIN to VOUT, and load circuit.
Adjustable Output Voltage
The AP7372 is available in 4 fixed output voltage options, ranging from 1.8V to 5.0V. The AP7372 architecture allows any fixed output voltage to be
set to a higher voltage with an external voltage divider. For example, a fixed 5V output can be set to a 6V output according to the following equation:
VOUT = 5V(1 + R1/R2) where R1 and R2 are the resistors in the output voltage divider shown in Figure 1.
Figure 1. Typical Adjustable Output Voltage Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com