Electronic Components Datasheet Search
  English  ▼

X  

AP7372 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP7372
Description  LOW-NOISE, 20V, 200mA ULDO REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7372 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP7372 Datasheet HTML 7Page - Diodes Incorporated AP7372 Datasheet HTML 8Page - Diodes Incorporated AP7372 Datasheet HTML 9Page - Diodes Incorporated AP7372 Datasheet HTML 10Page - Diodes Incorporated AP7372 Datasheet HTML 11Page - Diodes Incorporated AP7372 Datasheet HTML 12Page - Diodes Incorporated AP7372 Datasheet HTML 13Page - Diodes Incorporated AP7372 Datasheet HTML 14Page - Diodes Incorporated AP7372 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
AP7372
Document number: DS46597 Rev. 3 - 2
14 of 15
www.diodes.com
May 2025
© 2025 Copyright Diodes Incorporated. All Rights Reserved.
AP7372
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-WLB1012-6 (Type A1)
U-WLB1012-6
(Type A1)
Dim
Min
Max
Typ
A
0.4502
0.5458
0.4980
A1
0.1782
0.2178
0.1980
A2
0.2500
0.3000
0.2750
A3
0.0220
0.0280
0.0250
b
0.2253
0.3048
0.2650
D
0.9350
0.9900
0.9625
E
1.1450
1.200
1.1725
e
--
--
0.4000
e1
--
--
0.8000
e2
--
--
0.4000
z
--
--
0.1863
z1
--
--
0.1863
z2
--
--
0.2813
z3
--
--
0.2813
aaa
--
--
0.0275
bbb
--
--
0.0600
ccc
--
--
0.0300
ddd
--
--
0.1500
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-WLB1012-6 (Type A1)
Dimensions
Value
(in mm)
C
0.400
C1
0.800
C2
0.400
D
0.316
Mechanical Data
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish - SnAgCu. Solderable per MIL-STD-202 Method 208
•
Weight: 0.0012 grams (Approximate)
z2
e2
z3
Pin#1
z1
e1
z
Øb
ddd
C A B
e
bbb C
C
Solder Bump
A3
A2
A1
Seating Plane
A
D
aaa C (2x)
A
B
aaa C (2x)
Pin#1
E
C
Ø D
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com