Electronic Components Datasheet Search
  English  ▼

X  

AP7372 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7372
Description  LOW-NOISE, 20V, 200mA ULDO REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7372 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7372 Datasheet HTML 1Page - Diodes Incorporated AP7372 Datasheet HTML 2Page - Diodes Incorporated AP7372 Datasheet HTML 3Page - Diodes Incorporated AP7372 Datasheet HTML 4Page - Diodes Incorporated AP7372 Datasheet HTML 5Page - Diodes Incorporated AP7372 Datasheet HTML 6Page - Diodes Incorporated AP7372 Datasheet HTML 7Page - Diodes Incorporated AP7372 Datasheet HTML 8Page - Diodes Incorporated AP7372 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AP7372
Document number: DS46597 Rev. 3 - 2
1 of 15
www.diodes.com
May 2025
© 2025 Copyright Diodes Incorporated. All Rights Reserved.
AP7372
LOW-NOISE, 20V, 200mA ULDO REGULATOR
Description
The AP7372 is a low-dropout linear regulator that operates from 2.7V
to 20V and delivers 200mA output current. The wide input voltage LDO
is suitable for the regulation of high-performance analog and mixed-
signal circuits operating from 19.5V to 1.2V rails.
The AP7372 features high power supply rejection, low noise, and
achieves excellent line and load transient response with a small 2.2
μF
ceramic output capacitor. The output noise is 8
μVrms, independent of
the output voltage for the fixed options of 5V or less.
The AP7372 has 1.8V, 2.5V, 3.3V and 5.0V fixed output voltage. Each
fixed output voltage can be adjusted above the initial set point with an
external feedback divider. This allows the AP7372 to provide an output
voltage from 1.2V to VIIN
– VDO with high PSRR and low noise.
A programmable soft-start with an external capacitor is available in the
AP7372. The AP7372 is available in U-WLB1012-6 (Type A1) package.
Features
•
Low Noise: 8
μVrms Independent of Fixed Output Voltage
•
High PSRR: 90dB @10kHz, 70dB @100kHz, 52dB @1MHz
•
Input Voltage Range: 2.7V to 20V
•
Maximum Output Current: 200mA
•
High Output Voltage Accuracy: ±0.8%
•
Accuracy over Line, Load, and Temperature ±1.8%, TJ = -40°C
to +125°C
•
Low Dropout Voltage: 120mV @IOUT = 200mA (typ)
•
User-Programmable Soft-Start
•
Low Quiescent Current, IGND: 66μA (typ)
•
Low Shutdown Current:
▪
3.1
μA @VIN = 5V
▪
3.3
μA @VIN = 20V
•
Stable with a 2.2
μF Ceramic Output Capacitor
•
Adjustable Output from 1.2V to VIN
– VDO, output can be
adjusted above initial set point
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony
Free. “Green” Device (Note 3)
•
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
(Top View)
U-WLB1012-6 (Type A1)
Applications
•
Regulation to noise sensitive applications
▪
ADC and DAC circuits, precision amplifiers, power for VCO
VTUNE controls
•
Communications and infrastructures
•
Medical and healthcares
•
Industrials and instrumentation
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP7372

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7372 DIODES-AP7372 Datasheet
317Kb / 2P
Low 8μVRMS, High-PSRR 20V 200mA LDO Reduces Noise and Ripple on Power Rails in Noise-Sensitive Applications
August 2025
AP7372-12CBA6-7 DIODES-AP7372-12CBA6-7 Datasheet
317Kb / 2P
Low 8μVRMS, High-PSRR 20V 200mA LDO Reduces Noise and Ripple on Power Rails in Noise-Sensitive Applications
August 2025
AP7372-18CBA6-7 DIODES-AP7372-18CBA6-7 Datasheet
317Kb / 2P
Low 8μVRMS, High-PSRR 20V 200mA LDO Reduces Noise and Ripple on Power Rails in Noise-Sensitive Applications
August 2025
AP7372-25CBA6-7 DIODES-AP7372-25CBA6-7 Datasheet
317Kb / 2P
Low 8μVRMS, High-PSRR 20V 200mA LDO Reduces Noise and Ripple on Power Rails in Noise-Sensitive Applications
August 2025
AP7372-33CBA6-7 DIODES-AP7372-33CBA6-7 Datasheet
317Kb / 2P
Low 8μVRMS, High-PSRR 20V 200mA LDO Reduces Noise and Ripple on Power Rails in Noise-Sensitive Applications
August 2025
More results

Similar Description - AP7372

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP100X RICOH-RP100X Datasheet
1Mb / 28P
LOW NOISE 200mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
Dual, Low-Noise, 200mA LDO Regulator
logo
Unisonic Technologies
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
LOW NOISE 200mA LDO REGULATOR
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
LOW NOISE 200mA LDO REGULATOR
logo
Linear Technology
LT3042 LINER-LT3042_15 Datasheet
900Kb / 30P
20V, 200mA, Ultralow Noise, Ultrahigh PSRR RF Linear Regulator
LT3042EDD LINER-LT3042EDD Datasheet
577Kb / 8P
20V, 200mA, Ultralow Noise Ultrahigh PSRR RF LDO Regulator
logo
Unisonic Technologies
LR1122D UTC-LR1122D_16 Datasheet
280Kb / 7P
LOW NOISE 200mA LDO REGULATOR
logo
Lowpower Semiconductor ...
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
200mA,Ultra-low Noise LDO Regulator
logo
Diodes Incorporated
AP2205 DIODES-AP2205 Datasheet
1,002Kb / 16P
WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR
November 2020
logo
Analog Devices
LT3046 AD-LT3046 Datasheet
1Mb / 47P
20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com