Electronic Components Datasheet Search
  English  ▼

X  

AP7372 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP7372
Description  LOW-NOISE, 20V, 200mA ULDO REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7372 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP7372 Datasheet HTML 7Page - Diodes Incorporated AP7372 Datasheet HTML 8Page - Diodes Incorporated AP7372 Datasheet HTML 9Page - Diodes Incorporated AP7372 Datasheet HTML 10Page - Diodes Incorporated AP7372 Datasheet HTML 11Page - Diodes Incorporated AP7372 Datasheet HTML 12Page - Diodes Incorporated AP7372 Datasheet HTML 13Page - Diodes Incorporated AP7372 Datasheet HTML 14Page - Diodes Incorporated AP7372 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AP7372
Document number: DS46597 Rev. 3 - 2
11 of 15
www.diodes.com
May 2025
© 2025 Copyright Diodes Incorporated. All Rights Reserved.
AP7372
Application Information
Output Capacitor
An output capacitor is required for the stability of the LDO. The recommended minimum output capacitance is 2.2
μF. A ceramic capacitor is
recommended, and temperature characteristics are X7R or X5R. Higher capacitance values help to improve load/line transient response. The output
capacitance may be increased to keep low undershoot/overshoot. Place the output capacitor as close as possible to VOUT and GND pins.
Input Capacitor
A 2.2
μF ceramic capacitor is recommended to connect VIN and GND pins to decouple input power supply glitch and noise. The amount of the
capacitance may be increased without limit. This input capacitor must be located as close as possible to the device to ensure input stability and less
noise. For PCB layout, a wide copper trace is required for both VIN and GND.
Current-Limit and Short-Circuit Protection
When output current at VOUT pin is higher than the current-limit threshold or the VOUT pin directly shorts to GND, current-limit protection will be
triggered and clamp the output current at a pre-designed level to prevent overcurrent and thermal damage.
Soft-Start
The AP7372 uses an internal soft-start (SS pin open) to limit the inrush current when the output is enabled. The startup time for the 5V option is
approximately 34
0μs from the time the EN active threshold is crossed to when the output reaches 90% of the final value.
An external capacitor connected to the SS pin determines the soft-start time. This SS pin can be left open for a typical 340
μs startup time. Do not
ground this pin. When an external soft-start capacitor (CSS) is used, the soft-start time is determined by the following equation:
Where: tSTART-UP at 0pF is the startup time at CSS = 0pF (typically 340μs).
CSS is the soft-start capacitor (F).
ISS is the soft start current (typically 1μA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com