Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS1113
Description  ADS101x Ultra-Small, Low-Power, I2C-Compatible, 3.3kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1113 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS1113 Datasheet HTML 17Page - Texas Instruments ADS1113 Datasheet HTML 18Page - Texas Instruments ADS1113 Datasheet HTML 19Page - Texas Instruments ADS1113 Datasheet HTML 20Page - Texas Instruments ADS1113 Datasheet HTML 21Page - Texas Instruments ADS1113 Datasheet HTML 22Page - Texas Instruments ADS1113 Datasheet HTML 23Page - Texas Instruments ADS1113 Datasheet HTML 24Page - Texas Instruments ADS1113 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Config Register (P[1:0] = 01b) [reset = 8583h]
The 16-bit Config register is used to control the operating mode, input selection, data rate, full-scale range, and
comparator modes.
Figure 8-3. Config Register - ADS1013
15
14
13
12
11
10
9
8
OS
RESERVED
MODE
R/W-1b
R/W-000010b
R/W-1b
7
6
5
4
3
2
1
0
DR[2:0]
RESERVED
R/W-100b
R/W-00011b
Figure 8-4. Config Register - ADS1014
15
14
13
12
11
10
9
8
OS
RESERVED
PGA[2:0]
MODE
R/W-1b
R/W-000b
R/W-010b
R/W-1b
7
6
5
4
3
2
1
0
DR[2:0]
COMP_MODE
COMP_POL
COMP_LAT
COMP_QUE[1:0]
R/W-100b
R/W-0b
R/W-0b
R/W-0b
R/W-11b
Figure 8-5. Config Register - ADS1015
15
14
13
12
11
10
9
8
OS
MUX[2:0]
PGA[2:0]
MODE
R/W-1b
R/W-000b
R/W-010b
R/W-1b
7
6
5
4
3
2
1
0
DR[2:0]
COMP_MODE
COMP_POL
COMP_LAT
COMP_QUE[1:0]
R/W-100b
R/W-0b
R/W-0b
R/W-0b
R/W-11b
Table 8-4. Config Register Field Descriptions
Bit
Field
Type
Reset
Description
15
OS
R/W
1b
Operational status or single-shot conversion start
This bit determines the operational status of the device. OS can only be written
when in power-down state and has no effect when a conversion is ongoing.
When writing:
0b : No effect
1b : Start a single conversion (when in power-down state)
When reading:
0b : Device is currently performing a conversion
1b : Device is not currently performing a conversion
14:12
MUX[2:0]
R/W
000b
Input multiplexer configuration (ADS1015 only)
These bits configure the input multiplexer.
These bits serve no function on the ADS1013 and ADS1014. ADS1013 and
ADS1014 always use inputs AINP = AIN0 and AINN = AIN1.
000b : AINP = AIN0 and AINN = AIN1 (default)
001b : AINP = AIN0 and AINN = AIN3
010b : AINP = AIN1 and AINN = AIN3
011b : AINP = AIN2 and AINN = AIN3
100b : AINP = AIN0 and AINN = GND
101b : AINP = AIN1 and AINN = GND
110b : AINP = AIN2 and AINN = GND
111b : AINP = AIN3 and AINN = GND
www.ti.com
ADS1013, ADS1014, ADS1015
SBAS473F – MAY 2009 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ADS1013 ADS1014 ADS1015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com