Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 39 Page - Texas Instruments

Part # ADS1113
Description  ADS101x Ultra-Small, Low-Power, I2C-Compatible, 3.3kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1113 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS1113 Datasheet HTML 35Page - Texas Instruments ADS1113 Datasheet HTML 36Page - Texas Instruments ADS1113 Datasheet HTML 37Page - Texas Instruments ADS1113 Datasheet HTML 38Page - Texas Instruments ADS1113 Datasheet HTML 39Page - Texas Instruments ADS1113 Datasheet HTML 40Page - Texas Instruments ADS1113 Datasheet HTML 41Page - Texas Instruments ADS1113 Datasheet HTML 42Page - Texas Instruments ADS1113 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
7-Oct-2025
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
ADS1014IRUGTG4.B
Active
Production
X2QFN (RUG) | 10
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
N8J
ADS1015IDGSR
Active
Production
VSSOP (DGS) | 10
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
BRPI
ADS1015IDGSR.A
Active
Production
VSSOP (DGS) | 10
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
BRPI
ADS1015IDGSR.B
Active
Production
VSSOP (DGS) | 10
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
BRPI
ADS1015IDGST
Active
Production
VSSOP (DGS) | 10
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
BRPI
ADS1015IDGST.A
Active
Production
VSSOP (DGS) | 10
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
BRPI
ADS1015IDGST.B
Active
Production
VSSOP (DGS) | 10
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
BRPI
ADS1015IRUGR
Active
Production
X2QFN (RUG) | 10
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
N7J
ADS1015IRUGR.A
Active
Production
X2QFN (RUG) | 10
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
N7J
ADS1015IRUGR.B
Active
Production
X2QFN (RUG) | 10
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
N7J
ADS1015IRUGT
Active
Production
X2QFN (RUG) | 10
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
N7J
ADS1015IRUGT.A
Active
Production
X2QFN (RUG) | 10
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
N7J
ADS1015IRUGT.B
Active
Production
X2QFN (RUG) | 10
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
N7J
ADS1015IRUGTG4
Active
Production
X2QFN (RUG) | 10
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
N7J
ADS1015IRUGTG4.A
Active
Production
X2QFN (RUG) | 10
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
N7J
ADS1015IRUGTG4.B
Active
Production
X2QFN (RUG) | 10
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
N7J
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
(6) Part marking: There may be an additional marking, which relates to the logo, the lot trace code information, or the environmental category of the part.
Addendum-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com