Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 32 Page - Texas Instruments

Part # ADS1113
Description  ADS101x Ultra-Small, Low-Power, I2C-Compatible, 3.3kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1113 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADS1113 Datasheet HTML 28Page - Texas Instruments ADS1113 Datasheet HTML 29Page - Texas Instruments ADS1113 Datasheet HTML 30Page - Texas Instruments ADS1113 Datasheet HTML 31Page - Texas Instruments ADS1113 Datasheet HTML 32Page - Texas Instruments ADS1113 Datasheet HTML 33Page - Texas Instruments ADS1113 Datasheet HTML 34Page - Texas Instruments ADS1113 Datasheet HTML 35Page - Texas Instruments ADS1113 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
9.2.2.7 Circuit Implementation
Table 9-2 shows the chosen values for this design.
Table 9-2. Parameters
PARAMETER
VALUE
VCM
2.5V
FSR of ADC
±0.256V
Output data rate
250SPS
R1, R3
1kΩ(1)
R2, R4
5kΩ(1)
R5, R6
100Ω(1)
CDIFF
0.22µF
CCM1, CCM2
0.022µF
(1)
1% precision resistors are used.
Using Equation 5, if VSHUNT ranges from –50mV to +50mV, the application circuit produces a differential voltage
ranging from –0.250V to +0.250V across the ADC inputs. The ADC is therefore configured at a FSR of ±0.256V
to maximize the dynamic range of the ADC.
The –3dB cutoff frequencies of the differential low-pass filter and the common-mode low-pass filters are set at
3.6kHz and 0.36kHz, respectively.
RSHUNT typically ranges from 0.01mΩ to 100mΩ. Therefore, if R1 = R3 = 1kΩ, a good trade-off exists between
the circuit input impedance and input-referred resistor noise as explained in the Noise and Input Impedance
Considerations section.
A simple resistor divider followed by a buffer amplifier is used to generate VCM of 2.5V from a 5V supply.
9.2.2.8 Results Summary
A precision voltage source is used to sweep VSHUNT from –50mV to +50mV. The application circuit produces
a differential voltage of –250mV to +250mV across the ADC inputs. Figure 9-7 and Figure 9-8 show the
measurement results. The measurements are taken at TA = 25°C. Although 1% tolerance resistors are used,
the exact value of these resistors are measured with a Fluke 4.5 digit multimeter to exclude the errors due
to inaccuracy of these resistors. In Figure 9-7, the x-axis represents VSHUNT and the black line represents the
measured digital output voltage in mV. In Figure 9-8, the x-axis represents VSHUNT, the black line represents
the total measurement error in %, the blue line represents the total measurement error in % after excluding the
errors from precision resistors and the green line represents the total measurement error in % after excluding the
errors from precision resistors and performing a system offset calibration with VSHUNT = 0V. Table 9-3 shows a
results summary.
Table 9-3. Results Summary (1)
PARAMETER
VALUE
Total error, including errors from 1% precision resistors
1.89%
Total error, excluding errors from 1% precision resistors
0.17%
Total error, after offset calibration, excluding errors from 1% precision resistors
0.11%
(1)
TA = 25°C, not accounting for inaccuracy of shunt resistor.
ADS1013, ADS1014, ADS1015
SBAS473F – MAY 2009 – REVISED JANUARY 2025
www.ti.com
32
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ADS1013 ADS1014 ADS1015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com