Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 28 Page - Texas Instruments

Part # ADS1113
Description  ADS101x Ultra-Small, Low-Power, I2C-Compatible, 3.3kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1113 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS1113 Datasheet HTML 24Page - Texas Instruments ADS1113 Datasheet HTML 25Page - Texas Instruments ADS1113 Datasheet HTML 26Page - Texas Instruments ADS1113 Datasheet HTML 27Page - Texas Instruments ADS1113 Datasheet HTML 28Page - Texas Instruments ADS1113 Datasheet HTML 29Page - Texas Instruments ADS1113 Datasheet HTML 30Page - Texas Instruments ADS1113 Datasheet HTML 31Page - Texas Instruments ADS1113 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
9.1.7 Quick-Start Guide
This section provides a brief example of ADS101x communications. Hardware for this design includes: one
ADS101x configured with an I2C address of 1001000b; a microcontroller with an I2C interface; discrete
components such as resistors, capacitors, and serial connectors; and a 2V to 5V power supply. Figure 9-5
shows the basic hardware configuration.
The ADS101x communicate with the controller (microcontroller) through an I2C interface. The controller provides
a clock signal on the SCL pin and data are transferred using the SDA pin. The ADS101x never drive the SCL
pin. For information on programming and debugging the microcontroller being used, see the device-specific
product data sheet.
The first byte sent by the controller is the ADS101x address, followed by the R/W bit that instructs the ADS101x
to listen for a subsequent byte. The second byte is the Address Pointer register byte. The third and fourth bytes
sent from the controller are written to the register indicated in register address pointer bits P[1:0]. See Figure 7-9
and Figure 7-10 for read and write operation timing diagrams, respectively. All read and write transactions with
the ADS101x must be preceded by a START condition, and followed by a STOP condition.
For example, to write to the configuration register to set the ADS101x to continuous-conversion mode and then
read the conversion result, send the following bytes in this order:
1. Write to Config register:
• First byte: 10010000b (first 7-bit I2C address followed by a low R/W bit)
• Second byte: 00000001b (points to Config register)
• Third byte: 10000100b (MSB of the Config register to be written)
• Fourth byte: 10000011b (LSB of the Config register to be written)
2. Write to Address Pointer register:
• First byte: 10010000b (first 7-bit I2C address followed by a low R/W bit)
• Second byte: 00000000b (points to Conversion register)
3. Read Conversion register:
• First byte: 10010001b (first 7-bit I2C address followed by a high R/W bit)
• Second byte: the ADS101x responds with the MSB of the Conversion register
• Third byte: the ADS101x responds with the LSB of the Conversion register
VDD
GND
SCL
SDA
ADDR
ALERT
(ADS1014/5 Only)
AIN0
AIN1
AIN2 (ADS1015 Only)
AIN3 (ADS1015 Only)
SCL (P1.6)
SDA (P1.7)
I
2
C-Capable Controller
(MSP430F2002)
ADS101x
3.3 V
VDD
GND
JTAG
Serial/UART
3.3 V
10 k
0.1 µF
10 k
3.3 V
0.1 µF
Figure 9-5. Basic Hardware Configuration
ADS1013, ADS1014, ADS1015
SBAS473F – MAY 2009 – REVISED JANUARY 2025
www.ti.com
28
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ADS1013 ADS1014 ADS1015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com