Electronic Components Datasheet Search
  English  ▼

X  

ADS1148IPWR Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS1148IPWR
Description  ADS114x 16-Bit, 2-kSPS, Analog-to-Digital Converters With Programmable Gain Amplifier (PGA) for Sensor Measurement
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1148IPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS1148IPWR Datasheet HTML 17Page - Texas Instruments ADS1148IPWR Datasheet HTML 18Page - Texas Instruments ADS1148IPWR Datasheet HTML 19Page - Texas Instruments ADS1148IPWR Datasheet HTML 20Page - Texas Instruments ADS1148IPWR Datasheet HTML 21Page - Texas Instruments ADS1148IPWR Datasheet HTML 22Page - Texas Instruments ADS1148IPWR Datasheet HTML 23Page - Texas Instruments ADS1148IPWR Datasheet HTML 24Page - Texas Instruments ADS1148IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
0 V
1.0 V
AINP
AINN
100 mV
VCM
0 V
1.0 V
AINP
AINN
100 mV
VCM
21
ADS1146, ADS1147, ADS1148
www.ti.com
SBAS453G – JULY 2009 – REVISED AUGUST 2016
Product Folder Links: ADS1146 ADS1147 ADS1148
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
Input current with VCM = 2.5 V, TA = 25°C, AVDD = 5 V, and AVSS = 0 V.
Figure 23 and Figure 24 show examples of both fully-differential and pseudo-differential signals, respectively.
Figure 23. Fully-Differential Input Signal
Figure 24. Pseudo-Differential Input Signal
NOTE
With a unipolar power supply, the input range does not extend to the ground. Equation 11
and Equation 12 show the common-mode voltage requirements.
•
VCM (MIN) ≥ AVSS + 0.1 V + ½ Gain × VIN (MAX)
•
VCM (MAX) ≤ AVDD – 0.1 V – ½ Gain × VIN (MAX)
9.3.2.3 Analog Input Impedance
The device inputs are buffered through a high-input impedance PGA before they reach the ΔΣ modulator. For the
majority of applications, the input current is minimal and can be neglected. However, because the PGA is
chopper-stabilized for noise and offset performance, the input impedance is best described as a small absolute
input current. The absolute input current for selected channels is approximately proportional to the selected
modulator clock. Table 4 shows the typical values for these currents with a differential voltage coefficient and the
corresponding input impedances over data rate.
Table 4. Typical Values for Analog Input Current Over Data Rate (1)
CONDITION
ABSOLUTE INPUT CURRENT
EFFECTIVE INPUT IMPEDANCE
DR = 5 SPS, 10 SPS, 20 SPS
± (0.5 nA + 0.1 nA/V)
5000 MΩ
DR = 40 SPS, 80 SPS, 160 SPS
± (2 nA + 0.5 nA/V)
1200 MΩ
DR = 320 SPS, 640 SPS, 1 kSPS
± (4 nA + 1 nA/V)
600 MΩ
DR = 2 kSPS
± (8 nA + 2 nA/V)
300 MΩ
9.3.3 Clock Source
The device can use either the internal oscillator or an external clock. Connect the CLK pin to DGND before
power-on or reset to activate the internal oscillator. Connecting an external clock to the CLK pin at any time
deactivates the internal oscillator, with the device then operating on the external clock. After the device switches
to the external clock, it cannot be switched back to the internal oscillator without cycling the power supplies or
resetting the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com