Electronic Components Datasheet Search
  English  ▼

X  

ADS1148IPWR Datasheet(PDF) 36 Page - Texas Instruments

Part # ADS1148IPWR
Description  ADS114x 16-Bit, 2-kSPS, Analog-to-Digital Converters With Programmable Gain Amplifier (PGA) for Sensor Measurement
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1148IPWR Datasheet(HTML) 36 Page - Texas Instruments

Back Button ADS1148IPWR Datasheet HTML 32Page - Texas Instruments ADS1148IPWR Datasheet HTML 33Page - Texas Instruments ADS1148IPWR Datasheet HTML 34Page - Texas Instruments ADS1148IPWR Datasheet HTML 35Page - Texas Instruments ADS1148IPWR Datasheet HTML 36Page - Texas Instruments ADS1148IPWR Datasheet HTML 37Page - Texas Instruments ADS1148IPWR Datasheet HTML 38Page - Texas Instruments ADS1148IPWR Datasheet HTML 39Page - Texas Instruments ADS1148IPWR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 100 page
background image
8000h
8001h
FFFFh
0000h
0001h
7FFEh
7FFFh
±FS
FS
0
‡ ‡ ‡
‡ ‡ ‡
±FS
2
15
± 1
2
15
Input Voltage VIN
±FS
2
15
± 1
2
15
36
ADS1146, ADS1147, ADS1148
SBAS453G – JULY 2009 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: ADS1146 ADS1147 ADS1148
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Programming (continued)
9.5.1.7 SPI Communication During Power-Down Mode
When the START pin is low or the device is in power-down mode, only the RDATA, RDATAC, SDATAC,
WAKEUP, and NOP commands can be issued. The RDATA command can be used to repeatedly read the last
conversion result during power-down mode. Other commands do not function because the internal clock is shut
down to save power during power-down mode.
9.5.2 Data Format
The device provides 16 bits of data in binary twos complement format. The size of one code (LSB) is calculated
using Equation 20.
1 LSB = (2 × VREF / Gain) / 2
16 = +FS / 215
(20)
A positive full-scale (FS) input [VIN ≥ (+FS – 1 LSB) = (VREF / Gain – 1 LSB)] produces an output code of 7FFFh
and a negative full-scale input (VIN ≤ –FS = –VREF / Gain) produces an output code of 8000h. The output clips at
these codes for signals that exceed full-scale. Table 14 summarizes the ideal output codes for different input
signals.
(1)
Excludes effects of noise, linearity, offset, and gain errors.
Table 14. Ideal Output Code vs Input Signal
INPUT SIGNAL, VIN
(AINP – AINN)
IDEAL OUTPUT CODE(1)
≥ FS (215 – 1) / 215
7FFFh
FS / 215
0001h
0
0000h
–FS / 215
FFFFh
≤ –FS
8000h
Figure 45 shows the mapping of the analog input signal to the output codes.
Figure 45. Code Transition Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com