Electronic Components Datasheet Search
  English  ▼

X  

ADS1148IPWR Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS1148IPWR
Description  ADS114x 16-Bit, 2-kSPS, Analog-to-Digital Converters With Programmable Gain Amplifier (PGA) for Sensor Measurement
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1148IPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1148IPWR Datasheet HTML 4Page - Texas Instruments ADS1148IPWR Datasheet HTML 5Page - Texas Instruments ADS1148IPWR Datasheet HTML 6Page - Texas Instruments ADS1148IPWR Datasheet HTML 7Page - Texas Instruments ADS1148IPWR Datasheet HTML 8Page - Texas Instruments ADS1148IPWR Datasheet HTML 9Page - Texas Instruments ADS1148IPWR Datasheet HTML 10Page - Texas Instruments ADS1148IPWR Datasheet HTML 11Page - Texas Instruments ADS1148IPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 100 page
background image
8
ADS1146, ADS1147, ADS1148
SBAS453G – JULY 2009 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: ADS1146 ADS1147 ADS1148
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
AINP and AINN denote the positive and negative inputs of the PGA.
(2)
For VREF > 2.7 V, the differential input voltage must not exceed 2.7 V / Gain.
(3)
REFPx and REFNx denote the differential reference input pair (ADS1146, ADS1147), or one of the two available differential reference
input pairs (ADS1148).
(4)
External clock only required if the internal oscillator is not used.
7.3 Recommended Operating Conditions
Over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
Analog power supply
AVDD to AVSS
2.7
5.25
V
AVSS to DGND
–2.65
0.1
AVDD to DGND
2.25
5.25
Digital power supply
DVDD to DGND
2.7
5.25
V
ANALOG INPUTS(1)
VIN
Differential input voltage
V(AINP) – V(AINN)
(2)
–VREF / Gain
VREF / Gain
V
VCM
Common-mode input voltage
(V(AINP) + V(AINN)) / 2
See Equation 3
VOLTAGE REFERENCE INPUTS(3)
VREF
Differential reference input voltage
V(REFPx) – V(REFNx)
0.5
(AVDD – AVSS) – 1
V
V(REFNx)
Absolute negative reference voltage
AVSS – 0.1
V(REFPx) – 0.5
V
V(REFPx)
Absolute positive reference voltage
V(REFNx) + 0.5
AVDD + 0.1
V
EXTERNAL CLOCK INPUT(4)
fCLK
External clock frequency
1
4.5
MHz
External clock duty cycle
25%
75%
GENERAL-PURPOSE INPUTS AND OUTPUTS (GPIO)
GPIO input voltage
AVSS
AVDD
V
DIGITAL INPUTS
Digital input voltage
DGND
DVDD
V
TEMPERATURE RANGE
TA
Operating ambient temperature
–40
125
°C
Specified ambient temperature
–40
105
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
ADS1146
ADS1147
ADS1148
UNIT
PW (TSSOP)
PW (TSSOP)
PW (TSSOP)
RHB (VQFN)
16 PINS
20 PINS
28 PINS
32 PINS
RθJA
Junction-to-ambient thermal resistance
95.2
87.4
74.2
32.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
28.9
21.7
20.2
23.9
°C/W
RθJB
Junction-to-board thermal resistance
41
39.6
31.8
6.6
°C/W
ψJT
Junction-to-top characterization parameter
1.5
0.8
0.8
0.3
°C/W
ψJB
Junction-to-board characterization parameter
40.4
38.9
31.3
6.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
—
—
1.6
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com