Electronic Components Datasheet Search
  English  ▼

X  

ADS129X Datasheet(PDF) 28 Page - Texas Instruments

Part # ADS129X
Description  ADS129x Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS129X Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS129X Datasheet HTML 24Page - Texas Instruments ADS129X Datasheet HTML 25Page - Texas Instruments ADS129X Datasheet HTML 26Page - Texas Instruments ADS129X Datasheet HTML 27Page - Texas Instruments ADS129X Datasheet HTML 28Page - Texas Instruments ADS129X Datasheet HTML 29Page - Texas Instruments ADS129X Datasheet HTML 30Page - Texas Instruments ADS129X Datasheet HTML 31Page - Texas Instruments ADS129X Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 114 page
background image
Temperature ( C) =
°
Temperature Reading ( V)
145,300 V
m
-
m
490 V/ C
m
°
+ 25 C
°
2x
1x
1x
8x
AVDD
AVSS
TemperatureSensorMonitor
ToMUXTempP
ToMUXTempN
ADS1294, ADS1294R, ADS1296, ADS1296R, ADS1298, ADS1298R
SBAS459K – JANUARY 2010 – REVISED AUGUST 2015
www.ti.com
Feature Description (continued)
9.3.1.3.1
Device Noise Measurements
Setting CHnSET[2:0] = 001 sets the common-mode voltage of (AVDD – AVSS) / 2 to both inputs of the channel.
Use this setting to test the inherent noise of the device.
9.3.1.3.2
Test Signals (TestP and TestN)
Setting CHnSET[2:0] = 101 provides internally-generated test signals for use in subsystem verification at power
up. This functionality allows the entire signal chain to be tested. Although the test signals are similar to the CAL
signals described in the IEC60601-2-51 specification, this feature is not intended for use in compliance testing.
Use register settings to control the test signals (see the CONFIG2: Configuration Register 2 (address = 02h)
(reset = 40h) section for details). The TEST_AMP bit controls the signal amplitude, and the TEST_FREQ bits
control switching at the required frequency.
The test signals are multiplexed and transmitted out of the device at the TESTP_PACE_OUT1 and
TESTN_PACE_OUT2 pins. A bit register (CONFIG2.INT_TEST = 0) deactivates the internal test signals so that
the test signal can be driven externally. This feature allows the calibration of multiple devices with the same
signal. The test signal feature cannot be used in conjunction with the external hardware pace feature (see the
External Hardware Approach section for details).
9.3.1.3.3
Auxiliary Differential Input (TESTP_PACE_OUT1, TESTN_PACE_OUT2)
When hardware pace detection is not used, the TESTP_PACE_OUT1 and TESPN_PACE_OUT2 signals can be
used as a multiplexed differential input channel. These inputs can be multiplexed to any of the eight channels.
The performance of the differential input signal fed through these pins is identical to the normal channel
performance.
9.3.1.3.4
Temperature Sensor (TempP, TempN)
The ADS129x contain an on-chip temperature sensor. This sensor uses two internal diodes with one diode
having a current density 16x that of the other, as shown in Figure 26. The difference in current densities of the
diodes yields a difference in voltage that is proportional to absolute temperature.
Figure 26. Measurement of the Temperature Sensor in the Input
As a result of the low thermal resistance of the package to the printed circuit board (PCB), the internal sensor
tracks the PCB temperature closely. Self-heating of the ADS129x causes a higher reading than the temperature
of the surrounding PCB.
The scale factor of Equation 1 converts the temperature reading to °C. Before using this equation, scale the the
temperature reading code to
μV.
(1)
28
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com