Electronic Components Datasheet Search
  English  ▼

X  

ADS129X Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS129X
Description  ADS129x Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS129X Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS129X Datasheet HTML 9Page - Texas Instruments ADS129X Datasheet HTML 10Page - Texas Instruments ADS129X Datasheet HTML 11Page - Texas Instruments ADS129X Datasheet HTML 12Page - Texas Instruments ADS129X Datasheet HTML 13Page - Texas Instruments ADS129X Datasheet HTML 14Page - Texas Instruments ADS129X Datasheet HTML 15Page - Texas Instruments ADS129X Datasheet HTML 16Page - Texas Instruments ADS129X Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 114 page
background image
ADS1294, ADS1294R, ADS1296, ADS1296R, ADS1298, ADS1298R
www.ti.com
SBAS459K – JANUARY 2010 – REVISED AUGUST 2015
7.4 Thermal Information
ADS129x, ADS129xR
THERMAL METRIC(1)
PAG (TQFP)
ZXG (NFBGA)
UNIT
64 PINS
64 PINS
RθJA
Junction-to-ambient thermal resistance
35
48
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
31
8
°C/W
RθJB
Junction-to-board thermal resistance
26
25
°C/W
ψJT
Junction-to-top characterization parameter
0.1
0.5
°C/W
ψJB
Junction-to-board characterization parameter
N/A
22
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.5 Electrical Characteristics
Min and max specifications apply for all commercial grade (TA = 0°C to 70°C) devices, and from TA = –40°C to +85°C for
industrial-grade devices. Typical specifications at TA = 25°C. All specifications at DVDD = 1.8 V, AVDD – AVSS = 3 V
(1),
VREF = 2.4 V, external fCLK = 2.048 MHz, data rate = 500 SPS, HR mode
(2), and gain = 6 (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Input capacitance
20
pF
TA = 25°C, input = 1.5 V
±200
pA
Input bias current
TA = 0°C to 70°C, input = 1.5 V
±1
nA
TA = –40°C to +85°C, input = 1.5 V
±1.2
nA
No lead-off
1000
M
Ω
DC input impedance
Current source lead-off detection
500
M
Ω
Pullup resistor lead-off detection
10
M
Ω
PGA PERFORMANCE
Gain settings
1, 2, 3, 4, 6, 8, 12
Bandwidth
See Table 5
ADC PERFORMANCE
Data rates up to 8 kSPS, no missing codes
24
Bits
Resolution
16-kSPS data rate
19
Bits
32-kSPS data rate
17
Bits
fCLK = 2.048 MHz, HR mode
500
32000
SPS
Data rate
fCLK = 2.048 MHz, LP mode
250
16000
SPS
DC CHANNEL PERFORMANCE
Gain = 6(3), 10 seconds of data
5
μVPP
Input-referred noise
Gain = 6, 256 points, 0.5 seconds of data
4
7
μVPP
Gain settings
≠ 6, data rates≠ 500 SPS
See Noise Measurements section
Full-scale with gain = 6, best fit
8
ppm
Full-scale with gain = 6, best fit,
40
ppm
Integral nonlinearity(4)
ADS129xR channel 1
–20 dBFS with gain = 6, best fit,
8
ppm
ADS129xR channel 1
Offset error
±500
µV
Offset error drift
2
µV/°C
Gain error
Excluding voltage reference error
±0.2
±0.5
% of FS
Gain drift
Excluding voltage reference drift
5
ppm/°C
Gain match between channels
0.3
% of FS
(1)
Performance is applicable for 5-V operation as well. Production testing for limits is performed at 3 V.
(2)
LP mode = low-power mode.
(3)
Noise data measured in a 10-second interval. Test not performed in production. Input-referred noise is calculated with input shorted
(without electrode resistance) over a 10-second interval.
(4)
The presence of internal demodulation circuitry on channel 1 causes degradation of INL and THD. The effect is pronounced for full-scale
signals and is less for small ECG-type signals.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com