Electronic Components Datasheet Search
  English  ▼

X  

ADS129X Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS129X
Description  ADS129x Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS129X Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS129X Datasheet HTML 7Page - Texas Instruments ADS129X Datasheet HTML 8Page - Texas Instruments ADS129X Datasheet HTML 9Page - Texas Instruments ADS129X Datasheet HTML 10Page - Texas Instruments ADS129X Datasheet HTML 11Page - Texas Instruments ADS129X Datasheet HTML 12Page - Texas Instruments ADS129X Datasheet HTML 13Page - Texas Instruments ADS129X Datasheet HTML 14Page - Texas Instruments ADS129X Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 114 page
background image
ADS1294, ADS1294R, ADS1296, ADS1296R, ADS1298, ADS1298R
www.ti.com
SBAS459K – JANUARY 2010 – REVISED AUGUST 2015
Pin Functions: TQFP Package (continued)
PIN
TYPE
DESCRIPTION
NO.
NAME
Digital
42
GPIO1
General-purpose input/output pin 1
input/output
43
DOUT
Digital output
SPI data output
Digital
44
GPIO2
General-purpose input/output pin 2
input/output
Digital
45
GPIO3
General-purpose input/output pin 3
input/output
Digital
46
GPIO4
General-purpose input/output pin 4
input/output
47
DRDY
Digital output
Data ready; active low
48
DVDD
Supply
Digital power supply
49
DGND
Supply
Digital ground
50
DVDD
Supply
Digital power supply
51
DGND
Supply
Digital ground
52
CLKSEL
Digital input
Master clock select
53
AVSS1
Supply
Analog ground
54
AVDD1
Supply
Analog supply
Analog bypass capacitor; internally generated AVDD + 1.9 V; connect 1-
μF
55
VCAP3
—
capacitor to AVSS
56
AVDD
Supply
Analog supply
57
AVSS
Supply
Analog ground
58
AVSS
Supply
Analog ground
59
AVDD
Supply
Analog supply
60
RLDREF
Analog input
Right leg drive noninverting input
Analog
61
RLDINV
Right leg drive inverting input
input/output
62
RLDIN(1)
Analog input
Right leg drive input to mux
63
RLDOUT
Analog output
Right leg drive output
64
WCT
Analog output
Wilson Central Terminal output
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com