Electronic Components Datasheet Search
  English  ▼

X  

ADS129X Datasheet(PDF) 49 Page - Texas Instruments

Part # ADS129X
Description  ADS129x Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS129X Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADS129X Datasheet HTML 45Page - Texas Instruments ADS129X Datasheet HTML 46Page - Texas Instruments ADS129X Datasheet HTML 47Page - Texas Instruments ADS129X Datasheet HTML 48Page - Texas Instruments ADS129X Datasheet HTML 49Page - Texas Instruments ADS129X Datasheet HTML 50Page - Texas Instruments ADS129X Datasheet HTML 51Page - Texas Instruments ADS129X Datasheet HTML 52Page - Texas Instruments ADS129X Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 114 page
background image
0
-20
-40
-60
-80
-100
-120
-140
Normalized Frequency (f / f
)
IN
DR
1
2
0
3
4
5
0.5
4.5
3.5
2.5
1.5
0
0.5
1
1.5
2
2.5
3
-
-
-
-
-
-
Normalized Frequency (f / f
)
IN
DR
0.05
0.1
0
0.15
0.35
0.2
0.25
0.3
½H(f) =
½
3
sin
N f
p
f
MOD
N
sin
´
pf
f
MOD
½H(z) =
½
3
1
Z
- -N
1
Z
- -1
ADS1294, ADS1294R, ADS1296, ADS1296R, ADS1298, ADS1298R
www.ti.com
SBAS459K – JANUARY 2010 – REVISED AUGUST 2015
9.3.2.4 Digital Decimation Filter
The digital filter receives the modulator output and decimates the data stream. By adjusting the amount of
filtering, tradeoffs are made between resolution and data rate: filter more for higher resolution, filter less for
higher data rates. Higher data rates are typically used in ECG applications to implement software pace detection
and ac lead-off detection.
The digital filter on each channel consists of a third-order sinc filter. The decimation ratio on the sinc filters is
adjusted by the DR bits in the CONFIG1 register (see Table 16 for details). This setting is a global setting that
affects all channels; therefore, in these devices, all channels operate at the same data rate.
9.3.2.4.1
Sinc Filter Stage (sinx / x)
The sinc filter is a variable-decimation rate, third-order, low-pass filter. Data are supplied to this section of the
filter from the modulator at the rate of fMOD. The sinc filter attenuates the high-frequency noise of the modulator,
then decimates the data stream into parallel data. The decimation rate affects the overall data rate of the
converter.
Equation 4 shows the scaled Z-domain transfer function of the sinc filter.
(4)
The frequency-domain transfer function of the sinc filter is shown in Equation 5.
where
•
N = decimation ratio
(5)
The sinc filter has notches (or zeroes) that occur at the output data rate multiples. At these frequencies, the filter
has infinite attenuation. Figure 52 shows the frequency response of the sinc filter and Figure 53 shows the rolloff
of the sinc filter. With a step change at input, the filter requires 3 × tDR conversion cycles to settle. After a rising
edge of the START pin or completion of the START command, the filter takes tSETTLE periods to give the first
data output. The settling time of the filters at various data rates are discussed in the Start Mode subsection of the
SPI Interface section. Figure 54 and Figure 55 show the filter transfer function to fMOD / 2 and fMOD / 16,
respectively, at different data rates. Figure 56 shows the transfer function extended out to 4 × fMOD. As shown in
the figures, the passband of the ADS129x repeats itself at every fMOD muiltple. Choose input R-C antialiasing
filters for the system that sufficiently attenuate any interference in frequencies around multiples of fMOD.
Figure 52. Sinc Filter Frequency Response
Figure 53. Sinc Filter Roll-Off
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com