Electronic Components Datasheet Search
  English  ▼

X  

ADS129X Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS129X
Description  ADS129x Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS129X Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS129X Datasheet HTML 4Page - Texas Instruments ADS129X Datasheet HTML 5Page - Texas Instruments ADS129X Datasheet HTML 6Page - Texas Instruments ADS129X Datasheet HTML 7Page - Texas Instruments ADS129X Datasheet HTML 8Page - Texas Instruments ADS129X Datasheet HTML 9Page - Texas Instruments ADS129X Datasheet HTML 10Page - Texas Instruments ADS129X Datasheet HTML 11Page - Texas Instruments ADS129X Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 114 page
background image
ADS1294, ADS1294R, ADS1296, ADS1296R, ADS1298, ADS1298R
SBAS459K – JANUARY 2010 – REVISED AUGUST 2015
www.ti.com
Pin Function: NFBGA Package (continued)
PIN
TYPE
DESCRIPTION
NO.
NAME
5H
VCAP1
—
Analog bypass capacitor; connect 22-
μF capacitor to AVSS
6A
AVDD
Supply
Analog supply
6B
AVDD
Supply
Analog supply
6C
AVDD
Supply
Analog supply
6D
DRDY
Digital output
Data ready; active low
Digital
6E
GPIO3
General purpose input/output pin 3
input/output
6F
DAISY_IN(2)
Digital input
Daisy-chain input; if not used, short to DGND.
6G
RESET
Digital input
System-reset pin; active low
6H
VCAP2
—
Analog bypass capacitor; connect 1-
μF capacitor to AVSS
7A
AVDD1
Supply
Analog supply for charge pump
Analog bypass capacitor; internally generated AVDD + 1.9 V; connect 1-
μF
7B
VCAP3
—
capacitor to AVSS
7C
DGND
Supply
Digital ground
7D
DGND
Supply
Digital ground
Digital
7E
GPIO2
General-purpose input/output pin 2
input/output
7F
CS
Digital input
SPI chip select; active low
7G
START
Digital input
Start conversion
7H
DGND
Supply
Digital ground
8A
AVSS1
Supply
Analog ground for charge pump
8B
CLKSEL
Digital input
Master clock select
8C
DVDD
Supply
Digital power supply
8D
DVDD
Supply
Digital power supply
8E
DOUT
Digital output
SPI data output
8F
SCLK
Digital input
SPI clock
Digital
8G
CLK
External Master clock input or internal clock output.
input/output
8H
DIN
Digital input
SPI data input
(2)
When DAISY_IN is not used, tie to logic 0.
8
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com