Electronic Components Datasheet Search
  English  ▼

X  

ADS5231IPAG Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS5231IPAG
Description  Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5231IPAG Datasheet(HTML) 3 Page - Texas Instruments

  ADS5231IPAG Datasheet HTML 1Page - Texas Instruments ADS5231IPAG Datasheet HTML 2Page - Texas Instruments ADS5231IPAG Datasheet HTML 3Page - Texas Instruments ADS5231IPAG Datasheet HTML 4Page - Texas Instruments ADS5231IPAG Datasheet HTML 5Page - Texas Instruments ADS5231IPAG Datasheet HTML 6Page - Texas Instruments ADS5231IPAG Datasheet HTML 7Page - Texas Instruments ADS5231IPAG Datasheet HTML 8Page - Texas Instruments ADS5231IPAG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ADS5231
SBAS295A – JULY 2004 – REVISED JANUARY 2007
ADS5231
MIN
TYP
MAX
UNITS
SUPPLIES AND REFERENCES
Analog Supply Voltage, AVDD
3.0
3.3
3.6
V
Output Driver Supply Voltage, VDRV
3.0
3.3
3.6
V
REFT — External Reference Mode
1.875
2.0
2.05
V
REFB — External Reference Mode
0.95
1.0
1.125
V
REFCM = (REFT + REFB)/2 – External Reference Mode(1)
VCM ± 50mV
V
Reference = (REFT – REFB) – External Reference Mode
0.75
1.0
1.1
V
Analog Input Common-Mode Range(1)
VCM ± 50mV
V
CLOCK INPUT AND OUTPUTS
ADCLK Input Sample Rate
PLL Enabled (default)
20
40
MSPS
PLL Disabled
2
30(2)
MSPS
ADCLK Duty Cycle
PLL Enabled (default)
45
55
MSPS
Low-Level Voltage Clock Input
0.6
V
High-Level Voltage Clock Input
2.2
V
Operating Free-Air Temperature, TA
–40
+85
°C
Thermal Characteristics:
θ
JA
42.8
°C/W
θ
JC
18.7
°C/W
(1)
These voltages need to be set to 1.5V
± 50mV if they are derived independent of V
CM.
(2)
When the PLL is disabled, the clock duty cycle needs to be controlled well, especially at higher speeds. A 45%–55% duty cycle variation
is acceptable up to a frequency of 30MSPS. If the device needs to be operated in the PLL disabled mode beyond 30MSPS, then the
duty cycle needs to be maintained within 48%–52% duty cycle.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com