Electronic Components Datasheet Search
  English  ▼

X  

ADS5231IPAG Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS5231IPAG
Description  Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5231IPAG Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5231IPAG Datasheet HTML 2Page - Texas Instruments ADS5231IPAG Datasheet HTML 3Page - Texas Instruments ADS5231IPAG Datasheet HTML 4Page - Texas Instruments ADS5231IPAG Datasheet HTML 5Page - Texas Instruments ADS5231IPAG Datasheet HTML 6Page - Texas Instruments ADS5231IPAG Datasheet HTML 7Page - Texas Instruments ADS5231IPAG Datasheet HTML 8Page - Texas Instruments ADS5231IPAG Datasheet HTML 9Page - Texas Instruments ADS5231IPAG Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
www.ti.com
AC CHARACTERISTICS
Analog
Input
CLK
DATA[D11:D0]
DV
OE
DATA
D11:D0
t
OE
t
OE
t
DV
t
1
t
2
t
C
t
A
N + 1
N + 2
N + 4
N + 3
N
ADS5231
SBAS295A – JULY 2004 – REVISED JANUARY 2007
T
MIN = –40°C and TMAX = +85°C. Typical values are at TA = +25°C, clock frequency = maximum specified, 50% clock duty
cycle, AVDD = 3.3V, VDRV = 3.3V, –1dBFS, I
SET = 56.2kΩ, and internal voltage reference, unless otherwise noted.
ADS5231
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC CHARACTERISTICS
fIN = 5MHz
75
86
dBc
SFDR Spurious-Free Dynamic Range
fIN = 32.5MHz
85
dBc
fIN = 70MHz
83
dBc
fIN = 5MHz
82
92
dBc
HD2 2nd-Order Harmonic Distortion
fIN = 32.5MHz
87
dBc
fIN = 70MHz
85
dBc
fIN = 5MHz
75
86
dBc
HD3 3rd-Order Harmonic Distortion
fIN = 32.5MHz
85
dBc
fIN = 70MHz
83
dBc
fIN = 5MHz
68
70.7
dBFS
SNR Signal-to-Noise Ratio
fIN = 32.5MHz
69.5
dBFS
fIN = 70MHz
67.5
dBFS
fIN = 5MHz
67.5
70.3
dBFS
SINAD Signal-to-Noise and Distortion
fIN = 32.5MHz
69
dBFS
fIN = 70MHz
67
dBFS
5MHz Full-Scale Signal Applied to 1 Channel;
Crosstalk
–85
dBc
Measurement Taken on the Channel with No Input Signal
f1 = 4MHz at –7dBFS
Two-Tone, Third-Order
IMD3
90.9
dBFS
Intermodulation Distortion
f2 = 5MHz at –7dBFS
TIMING DIAGRAM
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com