Electronic Components Datasheet Search
  English  ▼

X  

ADS5231IPAG Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS5231IPAG
Description  Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5231IPAG Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS5231IPAG Datasheet HTML 3Page - Texas Instruments ADS5231IPAG Datasheet HTML 4Page - Texas Instruments ADS5231IPAG Datasheet HTML 5Page - Texas Instruments ADS5231IPAG Datasheet HTML 6Page - Texas Instruments ADS5231IPAG Datasheet HTML 7Page - Texas Instruments ADS5231IPAG Datasheet HTML 8Page - Texas Instruments ADS5231IPAG Datasheet HTML 9Page - Texas Instruments ADS5231IPAG Datasheet HTML 10Page - Texas Instruments ADS5231IPAG Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
www.ti.com
TIMING CHARACTERISTICS
(1)
ADS5231
SBAS295A – JULY 2004 – REVISED JANUARY 2007
Typical values at T
A = +25°C, AVDD = VDRV = 3.3V, sampling rate and PLL state are as indicated, input clock at 50% duty
cycle, and total capacitive loading = 10pF, unless otherwise noted.
PARAMETER
MIN
TYP
MAX
UNITS
40MSPS With PLL ON
tA Aperture Delay
2.1
ns
Aperture Jitter
1.0
ps
t1 Data Setup Time(2)
3.7
5.5
ns
t2 Data Hold Time(3)
11.5
13.5
ns
tD Data Latency
6
Clocks
tDR, tDF Data Rise/Fall Time(4)
0.5
2
3
ns
Data Valid (DV) Duty Cycle
30
40
55
%
tDV Input Clock Rising to DV Fall Edge
13.5
16
18.5
ns
30MSPS With PLL OFF
tA Aperture Delay
2.1
ns
Aperture Jitter
1.0
ps
t1 Data Setup Time
8
10
ns
t2 Data Hold Time
14
19
ns
tD Data Latency
6
Clocks
tDR, tDF Data Rise/Fall Time
0.5
2
3.5
ns
Data Valid (DV) Duty Cycle
30
45
55
%
tDV Input Clock Rising to DV Fall Edge
16
19
21
ns
20MSPS With PLL ON
tA Aperture Delay
2.1
ns
Aperture Jitter
1.0
ps
t1 Data Setup Time
10
12
ns
t2 Data Hold Time
20
25
ns
tD Data Latency
6
Clocks
tDR, tDF Data Rise/Fall Time
0.5
2
3.5
ns
Data Valid (DV) Duty Cycle
30
45
55
%
tDV Input Clock Rising to DV Fall Edge
20
25
30
ns
20MSPS With PLL OFF
tA Aperture Delay
2.1
ns
Aperture Jitter
1.0
ps
t1 Data Setup Time
10
12
ns
t2 Data Hold Time
20
25
ns
tD Data Latency
6
Clocks
tDR, tDF Data Rise/Fall Time
0.5
2
3.5
ns
Data Valid (DV) Duty Cycle
30
45
55
%
tDV Input Clock Rising to DV Fall Edge
20
25
30
ns
2MSPS With PLL OFF
tA Aperture Delay
2.1
ns
Aperture Jitter
1.0
ps
t1 Data Setup Time
150
200
ns
t2 Data Hold Time
200
250
ns
tD Data Latency
6
Clocks
tDR, tDF Data Rise/Fall Time
0.5
2
3.5
ns
Data Valid (DV) Duty Cycle
30
45
55
%
tDV Input Clock Rising to DV Fall Edge
200
225
250
ns
(1)
Specifications assured by design and characterization; not production tested.
(2)
Measured from data becoming valid (at a high level = 2.0V and a low level = 0.8V) to the 50% point of the falling edge of DV.
(3)
Measured from the 50% point of the falling edge of DV to the data becoming invalid.
(4)
Measured between 20% to 80% of logic levels.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com