Electronic Components Datasheet Search
  English  ▼

X  

ADS54J69IRMP Datasheet(PDF) 22 Page - Texas Instruments

Part # ADS54J69IRMP
Description  ADS54J69 Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS54J69IRMP Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS54J69IRMP Datasheet HTML 18Page - Texas Instruments ADS54J69IRMP Datasheet HTML 19Page - Texas Instruments ADS54J69IRMP Datasheet HTML 20Page - Texas Instruments ADS54J69IRMP Datasheet HTML 21Page - Texas Instruments ADS54J69IRMP Datasheet HTML 22Page - Texas Instruments ADS54J69IRMP Datasheet HTML 23Page - Texas Instruments ADS54J69IRMP Datasheet HTML 24Page - Texas Instruments ADS54J69IRMP Datasheet HTML 25Page - Texas Instruments ADS54J69IRMP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 83 page
background image
Input Frequency (MHz)
0
100
200
300
400
500
600
70
71
72
73
74
75
76
D053
AIN = -3 dBFS
AIN = -1 dBFS
Input Frequency (MHz)
0
100
200
300
400
500
600
65
70
75
80
85
90
95
100
105
D054
AIN = -3 dBFS
AIN = -1 dBFS
Input Frequency (MHz)
0
100
200
300
400
500
600
70
71
72
73
74
75
76
D051
AIN = -3 dBFS
AIN = -1 dBFS
Input Frequency (MHz)
0
100
200
300
400
500
600
65
70
75
80
85
90
95
100
105
D052
AIN = -3 dBFS
AIN = -1 dBFS
Input Frequency (MHz)
0
100
200
300
400
500
600
700
800
900 1000
-10
-8
-6
-4
-2
0
2
D049
Output Sample Rate (MSPS)
250
300
350
400
450
500
0
0.8
1.6
2.4
3.2
4
D050
AVDD
DVDD
AVDD3V
IOVDD
TOTAL POWER
22
ADS54J69
SBAS713C – MAY 2015 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: ADS54J69
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
typical values are at TA = 25°C, full temperature range is from TMIN = –40°C to TMAX = 85°C, device clock frequency =
1 GSPS, output sampling rate = 500 MSPS, 50% clock duty cycle, AVDD3V = 3.0 V, AVDD = DVDD = 1.9 V, IOVDD =
1.15 V, and –1-dBFS differential input (unless otherwise noted)
Figure 51. Maximum-Supported Amplitude vs
Input Frequency
Figure 52. Power Consumption vs Sampling Speed
Figure 53. Signal-to-Noise Ratio vs
Input Frequency (Output Sample Rate = 300 MSPS)
Figure 54. Spurious-Free Dynamic Range vs
Input Frequency (Output Sample Rate = 300 MSPS)
Figure 55. Signal-to-Noise Ratio vs Input Frequency
(Output Sample Rate = 350 MSPS)
Figure 56. Spurious-Free Dynamic Range vs
Input Frequency (Output Sample Rate = 350 MSPS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com