Electronic Components Datasheet Search
  English  ▼

X  

ADS54J69IRMP Datasheet(PDF) 72 Page - Texas Instruments

Part # ADS54J69IRMP
Description  ADS54J69 Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS54J69IRMP Datasheet(HTML) 72 Page - Texas Instruments

Back Button ADS54J69IRMP Datasheet HTML 68Page - Texas Instruments ADS54J69IRMP Datasheet HTML 69Page - Texas Instruments ADS54J69IRMP Datasheet HTML 70Page - Texas Instruments ADS54J69IRMP Datasheet HTML 71Page - Texas Instruments ADS54J69IRMP Datasheet HTML 72Page - Texas Instruments ADS54J69IRMP Datasheet HTML 73Page - Texas Instruments ADS54J69IRMP Datasheet HTML 74Page - Texas Instruments ADS54J69IRMP Datasheet HTML 75Page - Texas Instruments ADS54J69IRMP Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 83 page
background image
72
ADS54J69
SBAS713C – MAY 2015 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: ADS54J69
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
The device evaluation module (EVM) layout can be used as a reference layout to obtain the best performance. A
layout diagram of the EVM top layer is provided in Figure 138. A complete layout of the EVM is available from
the ADS54J69EVM folder. Some important points to remember during board layout are:
•
Analog inputs are located on opposite sides of the device pinout to ensure minimum crosstalk on the package
level. To minimize crosstalk onboard, the analog inputs must exit the pinout in opposite directions, as
illustrated in the reference layout of Figure 138 as much as possible.
•
In the device pinout, the sampling clock is located on a side perpendicular to the analog inputs in order to
minimize coupling between them. This configuration is also maintained on the reference layout of Figure 138
as much as possible.
•
Keep digital outputs away from the analog inputs. When these digital outputs exit the pinout, the digital output
traces must not be kept parallel to the analog input traces because this configuration can result in coupling
from the digital outputs to the analog inputs and degrade performance. All digital output traces to the receiver
[such as a field-programmable gate array (FPGA) or an application-specific integrated circuit (ASIC)] must be
matched in length to avoid skew among outputs.
•
At each power-supply pin (AVDD, DVDD, or AVDDD3V), keep a 0.1-µF decoupling capacitor close to the
device. A separate decoupling capacitor group consisting of a parallel combination of 10-µF, 1-µF, and 0.1-µF
capacitors can be kept close to the supply source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com