Electronic Components Datasheet Search
  English  ▼

X  

DRI0041 Datasheet(PDF) 3 Page - DFROBOT

Part # DRI0041
Description  7A Dual DC Motor Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DRI0041 Datasheet(HTML) 3 Page - DFROBOT

  DRI0041 Datasheet HTML 1Page - DFROBOT DRI0041 Datasheet HTML 2Page - DFROBOT DRI0041 Datasheet HTML 3Page - DFROBOT DRI0041 Datasheet HTML 4Page - DFROBOT DRI0041 Datasheet HTML 5Page - DFROBOT DRI0041 Datasheet HTML 6Page - DFROBOT DRI0041 Datasheet HTML 7Page - DFROBOT DRI0041 Datasheet HTML 8Page - DFROBOT DRI0041 Datasheet HTML 9Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Board Overview
 
Num Label
Description
1
9 - 24V
Power Supply, +
2
PGND
Power Supply, GND
3
OUT1
Motor1_+
4
OUT2
Motor1_-
5
OUT3
Motor2_+
6
OUT4
Motor2_-
7
ENA
Motor1 PWM
8
IN1
Motor1 control signal
9
IN2
Motor1 control signal
10
ENB
Motor2 PWM
11
IN3
Motor2 control signal
12
IN4
Motor2 control signal
13
+5V
Voltage Reference Input, +5V OR 3.3V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com