Electronic Components Datasheet Search
  English  ▼

X  

DRI0041 Datasheet(PDF) 6 Page - DFROBOT

Part # DRI0041
Description  7A Dual DC Motor Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DRI0041 Datasheet(HTML) 6 Page - DFROBOT

  DRI0041 Datasheet HTML 1Page - DFROBOT DRI0041 Datasheet HTML 2Page - DFROBOT DRI0041 Datasheet HTML 3Page - DFROBOT DRI0041 Datasheet HTML 4Page - DFROBOT DRI0041 Datasheet HTML 5Page - DFROBOT DRI0041 Datasheet HTML 6Page - DFROBOT DRI0041 Datasheet HTML 7Page - DFROBOT DRI0041 Datasheet HTML 8Page - DFROBOT DRI0041 Datasheet HTML 9Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Back view, conductive layer
Facility Safety and the Personal Safety:
Please add a fuse@20A between the Power source and this shield.
Installation Tips
The backside of the driver, as right-hand picture shows, that its conducting layer can be very wide, so you
should take some measurements to ensure it won't short-circuit, like applying 1mm layer conductive
epoxy or any other similar materials.
Pluggable Connector
You may find that the connector is designed as pluggable type to adapt with Male or Female wires.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com