Electronic Components Datasheet Search
  English  ▼

X  

DRI0041 Datasheet(PDF) 4 Page - DFROBOT

Part # DRI0041
Description  7A Dual DC Motor Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DRI0041 Datasheet(HTML) 4 Page - DFROBOT

  DRI0041 Datasheet HTML 1Page - DFROBOT DRI0041 Datasheet HTML 2Page - DFROBOT DRI0041 Datasheet HTML 3Page - DFROBOT DRI0041 Datasheet HTML 4Page - DFROBOT DRI0041 Datasheet HTML 5Page - DFROBOT DRI0041 Datasheet HTML 6Page - DFROBOT DRI0041 Datasheet HTML 7Page - DFROBOT DRI0041 Datasheet HTML 8Page - DFROBOT DRI0041 Datasheet HTML 9Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Control Method
IN1 IN2
ENA/ ENB
Motor1/2 Behavior
0
0
x
Stop (brake)
1
1
x
Vacant
1
0
1
Forward 100%
0
1
1
Reverse 100%
1
0
PWM
Forward at PWM speed
0
1
PWM
Reverse at PWM speed
In this table
IN1 & IN2: the control signal input to change the motor behavior
"0": TTL_Low
"1": TTL_High
"x": Any TTL, and it is default TTL_Low while no PWM signal.
"ENA/ ENB": PWM speed setting
Note:
IN1 & IN2
To protect your motor, before switching the motor steering direction, make sure firstly to
BRAKE motor by setting IN1 - 0 & IN2 - 0, especially when the PWM was set as 100%,
full speed. And the suggestion time to brake is >0.1S, depending on your motor.
+5V
When the microcontroller operation voltage is 5V/3.3V, then please connect the reference
voltage 5V/ 3.3V from the microcontroller. Or you will fail to control motors.
Tutorial
This tutorial will cover how to use PWM to control a motor using the shield. Do the wiring according
to the Connection Diagram below, and then upload the sample code below to the Arduino card, here
we use a arduino UNO as the controller, you could see your motor run forward for 3 second and
then run reversely for another 3 seconds and repeat this behavior then.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com