Electronic Components Datasheet Search
  English  ▼

X  

ADS7040 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS7040
Description  ADS7040 Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7040 Datasheet(HTML) 2 Page - Texas Instruments

  ADS7040 Datasheet HTML 1Page - Texas Instruments ADS7040 Datasheet HTML 2Page - Texas Instruments ADS7040 Datasheet HTML 3Page - Texas Instruments ADS7040 Datasheet HTML 4Page - Texas Instruments ADS7040 Datasheet HTML 5Page - Texas Instruments ADS7040 Datasheet HTML 6Page - Texas Instruments ADS7040 Datasheet HTML 7Page - Texas Instruments ADS7040 Datasheet HTML 8Page - Texas Instruments ADS7040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
ADS7040
SBAS676C – NOVEMBER 2014 – REVISED DECEMBER 2015
www.ti.com
Table of Contents
8.4
Device Functional Modes........................................ 19
1
Features .................................................................. 1
9
Application and Implementation ........................ 22
2
Applications ........................................................... 1
9.1
Application Information............................................ 22
3
Description ............................................................. 1
9.2
Typical Applications ................................................ 22
4
Revision History..................................................... 2
10
Power-Supply Recommendations ..................... 30
5
Pin Configuration and Functions ......................... 4
10.1
AVDD and DVDD Supply Recommendations....... 30
6
Specifications......................................................... 5
10.2
Estimating Digital Power Consumption................. 30
6.1
Absolute Maximum Ratings ..................................... 5
10.3
Optimizing Power Consumed by the Device ........ 30
6.2
ESD Ratings.............................................................. 5
11
Layout................................................................... 31
6.3
Recommended Operating Conditions ....................... 5
11.1
Layout Guidelines ................................................. 31
6.4
Thermal Information .................................................. 5
11.2
Layout Example .................................................... 31
6.5
Electrical Characteristics........................................... 6
12
Device and Documentation Support ................. 32
6.6
Timing Characteristics............................................... 7
12.1
Documentation Support ........................................ 32
6.7
Typical Characteristics .............................................. 8
12.2
Community Resources.......................................... 32
7
Parameter Measurement Information ................ 13
12.3
Trademarks ........................................................... 32
7.1
Digital Voltage Levels ............................................. 13
12.4
Electrostatic Discharge Caution ............................ 32
8
Detailed Description ............................................ 14
12.5
Glossary ................................................................ 32
8.1
Overview ................................................................. 14
13
Mechanical, Packaging, and Orderable
8.2
Functional Block Diagram ....................................... 14
Information ........................................................... 32
8.3
Feature Description................................................. 15
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (February 2015) to Revision C
Page
•
Updated Figure 1 ................................................................................................................................................................... 7
•
Changed Serial Interface section: changed last half of first paragraph, changed Figure 35 ............................................... 18
•
Changed Figure 38 .............................................................................................................................................................. 21
•
Added Community Resources section ................................................................................................................................ 32
Changes from Revision A (November 2014) to Revision B
Page
•
Changed Wide Operating Range Features bullet: changed the value of AVDD from 1.8 V to 1.65 V ................................. 1
•
Changed the wide analog input voltage range value to 1.65 V in first paragraph of Description section.............................. 1
•
Changed ESD Ratings table to latest standards ................................................................................................................... 5
•
Changed AVDD parameter minimum specification in Recommended Operating Conditions table to 1.65 V ....................... 5
•
Changed AVDD range in conditions of Electrical Characteristics table ................................................................................. 6
•
Changed INL and DNL parameter test conditions in Electrical Characteristics table ............................................................ 6
•
Changed maximum throughput rate parameter test conditions in Electrical Characteristics table ........................................ 6
•
Changed AVDD parameter minimum specification in Electrical Characteristics table ........................................................... 6
•
Changed conditions for Timing Characteristics table: changed range of AVDD and added CLOAD condition ........................ 7
•
Changed t D_CKDO parameter in Timing Characteristics table ................................................................................................ 7
•
Added fSCLK minimum specification to Timing Characteristics table ...................................................................................... 7
•
Changed titles of Figure 26 to Figure 30 ............................................................................................................................. 11
•
Changed Reference sub-section in Feature Description section ......................................................................................... 15
•
Changed range of second fCLK-CAL parameter description in Table 2 ................................................................................... 20
•
Changed range of second fCLK-CAL parameter description in Table 3 .................................................................................. 21
•
Changed Reference Circuit section in Application Information ............................................................................................ 24
•
Added last two sentences to AVDD and DVDD Supply Recommendations section .......................................................... 30
2
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADS7040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com