Electronic Components Datasheet Search
  English  ▼

X  

ADS7040 Datasheet(PDF) 28 Page - Texas Instruments

Part # ADS7040
Description  ADS7040 Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7040 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS7040 Datasheet HTML 24Page - Texas Instruments ADS7040 Datasheet HTML 25Page - Texas Instruments ADS7040 Datasheet HTML 26Page - Texas Instruments ADS7040 Datasheet HTML 27Page - Texas Instruments ADS7040 Datasheet HTML 28Page - Texas Instruments ADS7040 Datasheet HTML 29Page - Texas Instruments ADS7040 Datasheet HTML 30Page - Texas Instruments ADS7040 Datasheet HTML 31Page - Texas Instruments ADS7040 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
+
±
AVDD
AINP
AINM
GND
AVDD
Device
ROUT
CFLT
Sensor
ADS7040
SBAS676C – NOVEMBER 2014 – REVISED DECEMBER 2015
www.ti.com
9.2.3 8-Bit, 10-kSPS DAQ Circuit Optimized for DC Sensor Measurements
Figure 45. Interfacing the Device Directly with Sensors
In applications where the input is very slow moving and the overall system ENOB is not a critical parameter, a
DAQ circuit can be designed without the input driver for the ADC . This type of a use case is of particular interest
for applications in which the primary goal is to achieve the absolute lowest power possible. Typical applications
that fall into this category are low-power sensor applications (such as temperature, pressure, humidity, gas, and
chemical).
9.2.3.1 Design Requirements
For this design example, use the parameters listed in Table 4 as the input parameters.
Table 4. Design Parameters
DESIGN PARAMETER
GOAL VALUE
Throughput
10 kSPS
SNR at 100 Hz
48.5 dB
THD at 100 Hz
65dB
SINAD at 100 Hz
48 dB
ENOB
7.5
Power
10 µW
9.2.3.2 Detailed Design Procedure
The ADS7040 can be directly interfaced with sensors at lower throughputs without the need of an amplifier
buffer. The analog input source drive must be capable of driving the switched capacitor load of a SAR ADC and
settling the analog input signal within the acquisition time of the SAR ADC. However, the output impedance of
the sensor must be taken into account when interfacing a SAR ADC directly with sensors. Drive the analog input
of the SAR ADC with a low impedance source. The input signal requires more acquisition time to settle to the
desired accuracy because of the higher output impedance of the sensor. The simplified circuit for a sensor as a
voltage source with output impedance (ROUT) is shown in Figure 45.
The acquisition time of a SAR ADC (such as the ADS7040) can be increased by reducing throughput in the
following ways:
1. Reducing the SCLK frequency to reduce the throughput, or
2. Keeping the SCLK fixed at the highest permissible value (that is, 12 MHz for the device) and increasing the
CS high time.
28
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADS7040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com