Electronic Components Datasheet Search
  English  ▼

X  

ADS7040 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS7040
Description  ADS7040 Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7040 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS7040 Datasheet HTML 4Page - Texas Instruments ADS7040 Datasheet HTML 5Page - Texas Instruments ADS7040 Datasheet HTML 6Page - Texas Instruments ADS7040 Datasheet HTML 7Page - Texas Instruments ADS7040 Datasheet HTML 8Page - Texas Instruments ADS7040 Datasheet HTML 9Page - Texas Instruments ADS7040 Datasheet HTML 10Page - Texas Instruments ADS7040 Datasheet HTML 11Page - Texas Instruments ADS7040 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
40
41.5
43
44.5
46
47.5
49
50.5
52
1.8
2.1
2.4
2.7
3
3.3
3.6
Reference Voltage (V)
C005
SNR
SINAD
±75
±73
±71
±69
±67
±65
±40
±7
26
59
92
125
Free-Air Temperature (oC)
C006
40
41.5
43
44.5
46
47.5
49
50.5
52
±40
±7
26
59
92
125
Free-Air Temperature (oC)
C003
SNR
SINAD
40
41.5
43
44.5
46
47.5
49
50.5
52
2
33
64
95
126
157
188
219
250
Input Frequency (kHz)
C004
SNR
SINAD
±140
±120
±100
±80
±60
±40
±20
0
0
100
200
300
400
500
Input Frequency (kHz)
C001
±140
±120
±100
±80
±60
±40
±20
0
0
100
200
300
400
500
Input Frequency (kHz)
C002
ADS7040
SBAS676C – NOVEMBER 2014 – REVISED DECEMBER 2015
www.ti.com
6.7 Typical Characteristics
At TA = 25°C, AVDD = 3 V, DVDD = 1.8 V, and fSAMPLE = 1 MSPS, unless otherwise noted.
SNR = 49.85 dB
THD = –68.69 dB
fIN = 2 kHz
SNR = 49.34 dB
THD = –63.31 dB
fIN = 250 kHz
Number of samples = 16384
Number of samples = 16384
Figure 2. Typical FFT
Figure 3. Typical FFT
fIN = 2 kHz
Figure 4. SNR and SINAD vs Free-Air Temperature
Figure 5. SNR and SINAD vs Input Frequency
Figure 6. SNR and SINAD vs Reference Voltage (AVDD)
Figure 7. THD vs Free-Air Temperature
8
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADS7040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com