Electronic Components Datasheet Search
  English  ▼

X  

ADS7040 Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS7040
Description  ADS7040 Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7040 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS7040 Datasheet HTML 8Page - Texas Instruments ADS7040 Datasheet HTML 9Page - Texas Instruments ADS7040 Datasheet HTML 10Page - Texas Instruments ADS7040 Datasheet HTML 11Page - Texas Instruments ADS7040 Datasheet HTML 12Page - Texas Instruments ADS7040 Datasheet HTML 13Page - Texas Instruments ADS7040 Datasheet HTML 14Page - Texas Instruments ADS7040 Datasheet HTML 15Page - Texas Instruments ADS7040 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
0
10
20
30
40
50
60
70
0
25
50
75
100
125
Free-Air Temperature (oC)
C029
0
20
40
60
80
100
0
200
400
600
800
1000
Throughput (Ksps)
C027
90
110
130
150
170
190
210
230
1.8
2.1
2.4
2.7
3
3.3
3.6
Supply Voltage (V)
C028
165
170
175
180
185
±40
±7
26
59
92
125
Free-Air Temperature (oC)
C025
0
30
60
90
120
150
180
0
200
400
600
800
1000
Throughput (Ksps)
C026
ADS7040
SBAS676C – NOVEMBER 2014 – REVISED DECEMBER 2015
www.ti.com
Typical Characteristics (continued)
At TA = 25°C, AVDD = 3 V, DVDD = 1.8 V, and fSAMPLE = 1 MSPS, unless otherwise noted.
AVDD = 3 V
Figure 26. AVDD Supply Current vs Free-Air Temperature
Figure 27. AVDD Supply Current vs Throughput
AVDD = 1.8 V
Figure 28. AVDD Supply Current vs Throughput
Figure 29. AVDD Supply Current vs AVDD Voltage
Figure 30. AVDD Static Current vs Free-Air Temperature
12
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADS7040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com