Electronic Components Datasheet Search
  English  ▼

X  

ADS7040 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS7040
Description  ADS7040 Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7040 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS7040 Datasheet HTML 9Page - Texas Instruments ADS7040 Datasheet HTML 10Page - Texas Instruments ADS7040 Datasheet HTML 11Page - Texas Instruments ADS7040 Datasheet HTML 12Page - Texas Instruments ADS7040 Datasheet HTML 13Page - Texas Instruments ADS7040 Datasheet HTML 14Page - Texas Instruments ADS7040 Datasheet HTML 15Page - Texas Instruments ADS7040 Datasheet HTML 16Page - Texas Instruments ADS7040 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
VOH
VOL
SDO
DVDD
DVDD-0.45V
0V
0.45V
VIH
VIL
CS
SCLK
DVDD + 0.3V
0.65DVDD
-0.3V
0.35DVDD
Digital Output
Digital Inputs
ISource= 2 mA, ISink = 2 mA,
DVDD = 1.65 V to 1.95 V
DVDD = 1.65 V to 1.95 V
ADS7040
www.ti.com
SBAS676C – NOVEMBER 2014 – REVISED DECEMBER 2015
7 Parameter Measurement Information
7.1 Digital Voltage Levels
The device complies with the JESD8-7A standard for DVDD from 1.65 V to 1.95 V. Figure 31 shows voltage
levels for the digital input and output pins.
Figure 31. Digital Voltage Levels as per the JESD8-7A Standard
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADS7040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com