Electronic Components Datasheet Search
  English  ▼

X  

AMC7891 Datasheet(PDF) 6 Page - Texas Instruments

Part # AMC7891
Description  Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7891 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AMC7891 Datasheet HTML 2Page - Texas Instruments AMC7891 Datasheet HTML 3Page - Texas Instruments AMC7891 Datasheet HTML 4Page - Texas Instruments AMC7891 Datasheet HTML 5Page - Texas Instruments AMC7891 Datasheet HTML 6Page - Texas Instruments AMC7891 Datasheet HTML 7Page - Texas Instruments AMC7891 Datasheet HTML 8Page - Texas Instruments AMC7891 Datasheet HTML 9Page - Texas Instruments AMC7891 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
AMC7891
SBAS518A
– AUGUST 2011 – REVISED DECEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (DAC SPECIFICATIONS)
AVDD = 4.75 to 5.5 V, GPIOVDD = 1.8 to 5.5 V, SPIVDD = 1.8 to 5.5 V, AGND = DGND = 0 V, External ADC reference = AVDD,
TA = –40°C to 105°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC ACCURACY
Resolution
10
Bits
INL
Relative accuracy
±0.05
±1
LSB
DNL
Differential nonlinearity
Specified monotonic
±0.1
±1
LSB
Offset error
Code 0x008
±0.5
±5
mV
Gain error
±0.025
±0.2
%FSR
Offset temperature coefficient
±1
ppm/
°C
Gain temperature coefficient
±1
ppm/
°C
DAC OUTPUT (1)
Full scale output voltage range
0
AVDD
V
Transition: Code 0x008 to 0x3F8 to within 1/2 LSB,
Output voltage settling time
5
µs
CL = 2 nF, RL = ∞
Slew rate
2
V/
µs
Short circuit current
Full-scale current shorted to ground or pulled to AVDD
±30
mA
Load current
Source and/or sink within 300 mV of supply
±10
mA
Capacitive load stability
RL = ∞
10
nF
DC output impedance
1
Ω
Power-on overshoot
AVDD 0 to 5 V, 2 ms ramp
10
mV
Glitch energy
Transition: Code 0x1FF to 0x200; 0x200 to 0x1FF
0.15
nV-s
TA = 25°C, 1 kHz
260
nV/
√Hz
Output noise
Integrated noise from 0.1 Hz to 10 Hz
20
µVPP
(1)
Specified by design and characterization. Not tested during production.
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): AMC7891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com