Electronic Components Datasheet Search
  English  ▼

X  

AMC7891 Datasheet(PDF) 9 Page - Texas Instruments

Part # AMC7891
Description  Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7891 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC7891 Datasheet HTML 5Page - Texas Instruments AMC7891 Datasheet HTML 6Page - Texas Instruments AMC7891 Datasheet HTML 7Page - Texas Instruments AMC7891 Datasheet HTML 8Page - Texas Instruments AMC7891 Datasheet HTML 9Page - Texas Instruments AMC7891 Datasheet HTML 10Page - Texas Instruments AMC7891 Datasheet HTML 11Page - Texas Instruments AMC7891 Datasheet HTML 12Page - Texas Instruments AMC7891 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
CS
SCLK
SDI
Bit 1
Bit 0
t
8
t
4
t
1
t
3
t
2
Bit 23
t
f
t
r
t
5
t
6
t
7
t
10
CS
SCLK
SDI
Bit 23
Bit 0
SDO
Bit 23
Bit 23
Bit 1
Bit 1
Bit 0
Bit 0
t9
Read Command
Any Command
Data read from the register selected in previous operation
t
f
t8
t4
t7
t1
t2
t3
tr
t5
t6
AMC7891
www.ti.com
SBAS518A
– AUGUST 2011 – REVISED DECEMBER 2011
TIMING SPECIFICATIONS
(1) (2)
AVDD = 4.75 to 5.5 V, GPIOVDD = 1.8 to 5.5 V, SPIVDD = 1.8 to 5.5 V, AGND = DGND = 0 V, External ADC reference = AVDD,
TA = –40°C to 105°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SPIVDD = 5.5 V
30
MHz
fSCLK
SCLK frequency
SPIVDD = 2.7 V
15
MHz
SPIVDD = 1.8 V
10
MHz
tR
Input rise time
10% to 90% of SPIVDD
2
ns
tF
Input fall time
10% to 90% of SPIVDD
2
ns
SPIVDD = 5.5 V
33
ns
t1
SCLK cycle time
SPIVDD = 2.7 V
66
ns
SPIVDD = 1.8 V
100
ns
SPIVDD = 5.5 V
13
ns
t2
SCLK high time
SPIVDD = 2.7 V
30
ns
SPIVDD = 1.8 V
50
ns
SPIVDD = 5.5 V
13
ns
t3
SCLK low time
SPIVDD = 2.7 V
26
ns
SPIVDD = 1.8 V
40
ns
t4
Frame start time
CS falling edge to SCLK rising edge
5
ns
t5
SDI setup time
SDI valid to falling edge of SCLK
4
ns
t6
SDI hold time
SDI valid after falling edge of SCLK
12
ns
t7
Frame stop time
SCLK falling edge to CS rising edge
15
ns
t8
CS high time
50
ns
SPIVDD = 5.5 V, CL = 10 pF, 1 ns ≤ tR,F(SDO) ≤ 4 ns
5
16
ns
t9
SDO delay
SPIVDD = 2.7 V, CL = 10 pF, 1 ns ≤ tR,F(SDO) ≤ 5 ns
6
22
ns
SPIVDD = 1.8 V, CL = 10 pF, 2 ns ≤ tR,F(SDO) ≤ 8 ns
8
39
ns
t10
Wait time
CS rising edge to next SCLK rising edge
5
ns
(1)
Specified by design. Not tested during production.
(2)
Digital inputs and outputs timed from a voltage level of SPIVDD/2.
TIMING INFORMATION
Figure 1. Serial Interface Write Timing Diagram
Figure 2. Serial Interface Read Timing Diagram
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): AMC7891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com