Electronic Components Datasheet Search
  English  ▼

X  

AMC7891 Datasheet(PDF) 1 Page - Texas Instruments

Part # AMC7891
Description  Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7891 Datasheet(HTML) 1 Page - Texas Instruments

  AMC7891 Datasheet HTML 1Page - Texas Instruments AMC7891 Datasheet HTML 2Page - Texas Instruments AMC7891 Datasheet HTML 3Page - Texas Instruments AMC7891 Datasheet HTML 4Page - Texas Instruments AMC7891 Datasheet HTML 5Page - Texas Instruments AMC7891 Datasheet HTML 6Page - Texas Instruments AMC7891 Datasheet HTML 7Page - Texas Instruments AMC7891 Datasheet HTML 8Page - Texas Instruments AMC7891 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
ADC
DAC
DAC
DAC
DAC
TEMP
SENSOR
MUX
GPIO Control
2.5-V Reference
AMC7891
12 GPIOs
AMC7891
www.ti.com
SBAS518A
– AUGUST 2011 – REVISED DECEMBER 2011
Analog Monitor and Control Circuit
with 10-Bit, Multi-Channel ADC and Four DACs, Temperature
Sensor, and 12 GPIOs
Check for Samples: AMC7891
1
FEATURES
APPLICATIONS
23
•
10-Bit, 500-kSPS SAR ADC:
•
Cellular Base Stations
– 8 External Analog Inputs
•
RF Communication Systems
– VREF, 2 × VREF Input Ranges
•
Optical Networks
•
Four 10-Bit Monotonic DACs:
•
General-Purpose Monitor and Control
– 0 to 5-V Output Range
DESCRIPTION
– Up to 10-mA Sink and Source Capability
The AMC7891 is a highly-integrated, low-power,
– Power-On Reset to 0 V
complete analog monitoring and control system in a
•
Internal 2.5-V Reference
very small package.
•
Internal Temperature Sensor:
For monitoring functions, the AMC7891 has 8
– –40°C to +125°C Operation
uncommitted inputs multiplexed into a 10-bit SAR
analog-to-digital converter (ADC) and an accurate
– Accuracy of ±2.5°C
on-chip temperature sensor. Control signals are
•
12 General-Purpose I/O Ports:
generated
through
four,
independent,
10-bit
– 1.8-V to 5.5-V Operation
digital-to-analog converters (DACs). Additional digital
signal monitoring and control is accomplished through
•
Low-Power SPI
™-Compatible Serial Interface:
twelve configurable GPIOs. An internal reference can
– 4-Wire Mode, 1.8-V to 5.5-V Operation
be used to drive the ADC and DACs.
– SCLK up to 30 MHz
Communication to the device is performed through a
•
Temperature Range:
–40°C to +105°C
versatile, four-wire serial interface compatible with
•
Low Power: 32.5 mW at 5 V, Full Operating
industry-standard
microprocessors
and
Conditions
microcontrollers. The serial interface can operate at
clock rates up to 30 MHz, allowing quick access to
•
Space-Saving Package: 36-pin,
critical system data.
6-mm x 6-mm QFN
The device is characterized for operation over the
temperature range of
–40ºC to 105ºC and is available
in a very small, 36-pin, 6-mm x 6-mm QFN package.
The
AMC7891
’s
low
power,
small
size
and
high-integration make it an ideal low-cost, bias control
circuit for modern RF transistor modules such as the
power amplifiers (PA) and low-noise amplifiers (LNA)
found in RF communication systems. The AMC7891
feature set is similarly beneficial in general purpose
monitor and control systems.
For applications that require a different channel
count, additional features, or converter resolutions,
Texas Instruments offers a complete family of Analog
Monitor
and
Control
(AMC)
Products.
See
http://www.ti.com/amc.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - AMC7891

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7891 TI1-AMC7891 Datasheet
934Kb / 41P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7891 TI1-AMC7891 Datasheet
1Mb / 42P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7891SRHHR TI1-AMC7891SRHHR Datasheet
934Kb / 41P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7891SRHHT TI1-AMC7891SRHHT Datasheet
934Kb / 41P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7891 TI1-AMC7891_14 Datasheet
1Mb / 42P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
More results

Similar Description - AMC7891

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7812 TI1-AMC7812 Datasheet
2Mb / 90P
12-Bit ANALOG MONITORING AND CONTROL SOLUTION with Multichannel ADC, DACs, and Temperature Sensors
AMC7891 TI1-AMC7891 Datasheet
934Kb / 41P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7812SPAPR TI-AMC7812SPAPR Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7891 TI1-AMC7891_14 Datasheet
1Mb / 42P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7812B TI1-AMC7812B_14 Datasheet
2Mb / 93P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7832 TI1-AMC7832 Datasheet
6Mb / 70P
AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7812B TI-AMC7812B_15 Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7832 TI-AMC7832_15 Datasheet
6Mb / 72P
AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7891 TI-AMC7891_15 Datasheet
1Mb / 41P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
logo
Analog Devices
AD7292 AD-AD7292 Datasheet
734Kb / 41P
10-Bit Monitor and Control System with ADC,DACs, Temperature Sensor, and GPIOs
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com