Electronic Components Datasheet Search
  English  ▼

X  

STA529Q Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA529Q
Description  FFX™ audio codec with analog and digital inputs and 2 x 1.2 W (or 2 x 100 mW HP) class-D amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529Q Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA529Q Datasheet HTML 4Page - STMicroelectronics STA529Q Datasheet HTML 5Page - STMicroelectronics STA529Q Datasheet HTML 6Page - STMicroelectronics STA529Q Datasheet HTML 7Page - STMicroelectronics STA529Q Datasheet HTML 8Page - STMicroelectronics STA529Q Datasheet HTML 9Page - STMicroelectronics STA529Q Datasheet HTML 10Page - STMicroelectronics STA529Q Datasheet HTML 11Page - STMicroelectronics STA529Q Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
Connection diagrams and pin descriptions
STA529
8/57
Doc ID 13095 Rev 3
2
Connection diagrams and pin descriptions
This section includes connection diagrams and pin descriptions for the following packages:
●
TFBGA48
●
VFQFPN52
2.1
TFBGA48 package
Figure 2.
Connection diagram for TFBGA48 (bottom view)
Table 2.
Pin description for TFBGA48
Pin
Name
Type
Description
A1
VCC2
Supply
Channel 2 power supply
A2
GND2
Ground
Channel 2 power ground
A3
OUT2A
Analog output
Channel 2 half-bridge A output
A4
OUT2B
Analog output
Channel 2 half-bridge B output
A5
OUT1B
Analog output
Channel 1 half-bridge B output
A6
OUT1A
Analog output
Channel 1 half-bridge A output
A7
GND1
Ground
Channel 1 power ground
A8
VCC1
Supply
Channel 1 power supply
B1
GNDIO
Ground
I/O ring ground
B2
GND33
Ground
Pre-driver ground
B3
OUT2A
Analog output
Channel 2 half-bridge A output
B4
OUT2B
Analog output
Channel 2 half-bridge B output
F
E
D
C
B
A
12345
678
H
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com