Electronic Components Datasheet Search
  English  ▼

X  

STA529Q Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA529Q
Description  FFX™ audio codec with analog and digital inputs and 2 x 1.2 W (or 2 x 100 mW HP) class-D amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529Q Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA529Q Datasheet HTML 6Page - STMicroelectronics STA529Q Datasheet HTML 7Page - STMicroelectronics STA529Q Datasheet HTML 8Page - STMicroelectronics STA529Q Datasheet HTML 9Page - STMicroelectronics STA529Q Datasheet HTML 10Page - STMicroelectronics STA529Q Datasheet HTML 11Page - STMicroelectronics STA529Q Datasheet HTML 12Page - STMicroelectronics STA529Q Datasheet HTML 13Page - STMicroelectronics STA529Q Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
Connection diagrams and pin descriptions
STA529
10/57
Doc ID 13095 Rev 3
2.2
VFQFPN52 package
Figure 3.
Connection diagram for VFQFPN52 (bottom view)
H2
TM
Digital input
Test mode (active high)
H3
GNDPLL
Ground
PLL analog ground
H4
VDDPLL
Supply
PLL analog supply
H5
LRCLKI
Digital I/O
Input serial audio interface L/R-clock
H6
BICLKI
Digital I/O
Input serial audio interface bit-clock
H7
INL
Analog input
ADC left channel line input or microphone input
H8
INR
Analog I/O
ADC right channel line input
Table 2.
Pin description for TFBGA48 (continued)
Pin
Name
Type
Description
Table 3.
Pin description for VFQFPN52
Pin
Name
Type
Description
1
STBY
Digital input
Standby (active high)
2
INL
Analog input
ADC left channel line input or microphone input
3
INR
Analog I/O
ADC right channel line input
4
VBIAS
Analog I/O
ADC microphone bias voltage
5
AVDD
Supply
ADC analog supply
6
VHI
Analog input
ADC high reference voltage
7
VLO
Analog input
ADC low reference voltage
40
52
26
14
39
27
1
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com