Electronic Components Datasheet Search
  English  ▼

X  

LMH6321 Datasheet(PDF) 16 Page - Texas Instruments

Part # LMH6321
Description  BUF634 250mA High-Speed Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6321 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMH6321 Datasheet HTML 12Page - Texas Instruments LMH6321 Datasheet HTML 13Page - Texas Instruments LMH6321 Datasheet HTML 14Page - Texas Instruments LMH6321 Datasheet HTML 15Page - Texas Instruments LMH6321 Datasheet HTML 16Page - Texas Instruments LMH6321 Datasheet HTML 17Page - Texas Instruments LMH6321 Datasheet HTML 18Page - Texas Instruments LMH6321 Datasheet HTML 19Page - Texas Instruments LMH6321 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
6.9 Typical Characteristics: SOIC Package (continued)
at TA = 25°C, VS = ±15 V, RS = 50 Ω, and RL = 100 Ω (unless otherwise noted).
Ambient Temperature (oC)
-50
-25
0
25
50
75
100
125
150
20
25
30
35
40
45
50
55
D021
35 devices
Figure 6-43. Offset Voltage vs Temperature
Input Offset Drift (PV/oC)
0
2
4
6
8
10
12
14
D031
TA = –40°C to +125°C, 35 devices,
µ = 134 μV/°C, σ = 7.4 μV/°C
Figure 6-44. Offset Voltage Drift Distribution Histogram
Supply Voltage (V)
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32 34 36
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
D022
Low-IQ mode, 35 devices
Figure 6-45. Input Bias Current vs Supply Voltage
Supply Voltage (V)
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32 34 36
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
D023
Wide-BW mode, 35 devices
Figure 6-46. Input Bias Current vs Supply Voltage
Supply Voltage (V)
4
8
12
16
20
24
28
32
36
1.2
1.3
1.4
1.5
1.6
D024
Low-IQ mode, 35 devices
Figure 6-47. Quiescent Current vs Supply Voltage
Supply Voltage (V)
4
8
12
16
20
24
28
32
36
7
7.5
8
8.5
9
D025
Wide-BW mode, 35 devices
Figure 6-48. Quiescent Current vs Supply Voltage
BUF634
SBOS030C – AUGUST 2000 – REVISED MARCH 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BUF634



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com