Electronic Components Datasheet Search
  English  ▼

X  

LMH6321 Datasheet(PDF) 5 Page - Texas Instruments

Part # LMH6321
Description  BUF634 250mA High-Speed Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6321 Datasheet(HTML) 5 Page - Texas Instruments

  LMH6321 Datasheet HTML 1Page - Texas Instruments LMH6321 Datasheet HTML 2Page - Texas Instruments LMH6321 Datasheet HTML 3Page - Texas Instruments LMH6321 Datasheet HTML 4Page - Texas Instruments LMH6321 Datasheet HTML 5Page - Texas Instruments LMH6321 Datasheet HTML 6Page - Texas Instruments LMH6321 Datasheet HTML 7Page - Texas Instruments LMH6321 Datasheet HTML 8Page - Texas Instruments LMH6321 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
6.5 Electrical Characteristics: TO-220 and TO-263 Packages
at TA = +25°C(1), VS = ±15 V, specifications are for both low quiescent-current mode and wide-bandwidth mode (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
Offset voltage
±30
±100
mV
Offset voltage vs temperature
Specified temperature range
±100
µV/°C
Offset voltage vs power supply
VS = ±2.25 V(2) to ±18 V
0.1
1
mV/V
Input bias current
VIN = 0 V
Low quiescent
current mode
±0.5
±2
µA
Wide bandwidth
mode
±5
±20
Input impedance
RL = 100 Ω
Low quiescent
current mode
80 || 8
MΩ || pF
Wide bandwidth
mode
8 || 8
Noise voltage
f = 10 kHz
4
nV/√Hz
GAIN
Gain
RL = 1 kΩ, VO = ±10 V
0.95
0.99
V/V
RL = 100 Ω, VO = ±10 V
0.85
0.93
RL = 67 Ω, VO = ±10 V
0.8
0.9
OUTPUT
Current output, continuous
±250
mA
Voltage output
Positive
IO = 10 mA
(V+) – 2.1
(V+) – 1.7
V
Negative
IO = –10 mA
(V–) + 2.1
(V–) + 1.8
Positive
IO = 100 mA
(V+) – 3
(V+) – 2.4
Negative
IO = –100 mA
(V–) + 4
(V–) + 3.5
Positive
IO = 150 mA
(V+) – 4
(V+) – 2.8
Negative
IO = –150 mA
(V–) + 5
(V–) +4
Short-circuit current
Low quiescent current mode
±350
±550
mA
Wide bandwidth mode
±400
±550
DYNAMIC RESPONSE
Bandwidth, –3dB
RL = 1 kΩ
Low quiescent
current mode
30
MHz
Wide bandwidth
mode
180
RL = 100 Ω
Low quiescent
current mode
20
Low quiescent
current mode
160
Slew rate
20 Vp-p, RL = 100 Ω
2000
V/µs
Settling time
0.1%
20-V step, RL = 100 Ω
200
ns
1%
50
Differential gain
3.58 MHz, VO = 0.7 V,
RL = 150 Ω
Low quiescent
current mode
4%
Wide bandwidth
mode
0.4%
Differential phase
3.58 MHz, VO = 0.7 V,
RL = 150 Ω
Low quiescent
current mode
2.5
°
Wide bandwidth
mode
0.1
www.ti.com
BUF634
SBOS030C – AUGUST 2000 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: BUF634



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com