Electronic Components Datasheet Search
  English  ▼

X  

LMH6321 Datasheet(PDF) 9 Page - Texas Instruments

Part # LMH6321
Description  BUF634 250mA High-Speed Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6321 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMH6321 Datasheet HTML 5Page - Texas Instruments LMH6321 Datasheet HTML 6Page - Texas Instruments LMH6321 Datasheet HTML 7Page - Texas Instruments LMH6321 Datasheet HTML 8Page - Texas Instruments LMH6321 Datasheet HTML 9Page - Texas Instruments LMH6321 Datasheet HTML 10Page - Texas Instruments LMH6321 Datasheet HTML 11Page - Texas Instruments LMH6321 Datasheet HTML 12Page - Texas Instruments LMH6321 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
6.8 Typical Characteristics: TO-220 and TO-263 Packages
at TA = 25°C, VS = ±15 V (unless otherwise noted)
Frequency (Hz)
1M
10M
100M
1G
0
–10
–20
–30
–40
–50
I
Q = 15mA
I
Q = 9mA
I
Q = 4mA
I
Q = 2.5mA
I
Q = 1.5mA
10
5
0
–5
–10
–15
R
L = 100Ω
R
S = 50Ω
V
O = 10mV
Figure 6-1. Gain and Phase vs Frequency vs Quiescent Current
Frequency (Hz)
1M
10M
100M
1G
0
–10
–20
–30
–40
–50
T
J = –40°C
T
J = 25°C
T
J = 125°C
10
5
0
–5
–10
–15
Wide BW
Wide BW
Low I
Q
Low I
Q
R
L = 100Ω
R
S = 50Ω
V
O = 10mV
Figure 6-2. Gain and Phase vs Frequency vs Temperature
Frequency (Hz)
1M
10M
100M
1G
0
–10
–20
–30
–40
–50
R
S = 0Ω
R
S = 50Ω
R
S = 100Ω
10
5
0
–5
–10
–15
Wide BW
Low I
Q
Low I
Q
Wide BW
R
L = 100Ω
V
O = 10mV
Figure 6-3. Gain and Phase vs Frequency vs Source Resistance
Frequency (Hz)
1M
10M
100M
1G
0
–10
–20
–30
–40
–50
R
L = 1kΩ
R
L = 100Ω
R
L = 50Ω
10
5
0
–5
–10
–15
R
S = 50Ω
V
O = 10mV
Wide BW
Low I
Q
Low I
Q
Wide BW
Figure 6-4. Gain and Phase vs Frequency vs Load Resistance
Frequency (Hz)
1M
10M
100M
1G
0
–10
–20
–30
–40
–50
C
L = 0pF
C
L = 50pF
C
L = 200pF
C
L = 1nF
10
5
0
–5
–10
–15
Low I
Q Mode
R
L = 100Ω
R
S = 50Ω
V
O = 10mV
Figure 6-5. Gain and Phase vs Frequency vs Load Capacitance
Frequency (Hz)
1M
10M
100M
1G
0
–10
–20
–30
–40
–50
C
L = 0
C
L = 50pF
C
L = 200pF
C
L = 1nF
10
5
0
–5
–10
–15
Wide BW Mode
R
L = 100Ω
R
S = 50Ω
V
O = 10mV
Figure 6-6. Gain and Phase vs Frequency vs Load Capacitance
www.ti.com
BUF634
SBOS030C – AUGUST 2000 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: BUF634



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com