Electronic Components Datasheet Search
  English  ▼

X  

LMH6321 Datasheet(PDF) 20 Page - Texas Instruments

Part # LMH6321
Description  BUF634 250mA High-Speed Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6321 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMH6321 Datasheet HTML 16Page - Texas Instruments LMH6321 Datasheet HTML 17Page - Texas Instruments LMH6321 Datasheet HTML 18Page - Texas Instruments LMH6321 Datasheet HTML 19Page - Texas Instruments LMH6321 Datasheet HTML 20Page - Texas Instruments LMH6321 Datasheet HTML 21Page - Texas Instruments LMH6321 Datasheet HTML 22Page - Texas Instruments LMH6321 Datasheet HTML 23Page - Texas Instruments LMH6321 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
Figure 8-1 shows the BUF634 device connected as an open-loop buffer. The source impedance and optional
input resistor, RS, influence frequency response: see Section 6.8. Bypass power supplies with capacitors
connected close to the device pins. Capacitor values as low as 0.1 µF provide stable operation in most
applications, but high output current and fast output slewing can demand large current transients from the power
supplies. Solid tantalum 10-µF capacitors are recommended. High-frequency, open-loop applications can benefit
from special bypassing and layout considerations. For more information, see Section 8.1.1.
V–
10µF
10µF
V
O
BUF634
Optional connection for
wide bandwidth — see text.
R
S
3
V+
6
R
L
4
7
1
V
IN
DIP/SO-8
Pinout shown
Figure 8-1. Buffer Connections
8.1.1 High Frequency Applications
The excellent bandwidth and fast slew rate of the BUF634 device are useful in a variety of high frequency
open-loop applications. When operated open-loop, printed-circuit-board layout and bypassing technique can
affect dynamic performance.
For best results, use a ground plane-type circuit board layout and bypass the power supplies with 0.1-µF
ceramic chip capacitors at the device pins in parallel with solid tantalum 10-µF capacitors. Source resistance
affects high-frequency peaking, step-response overshoot and ringing. Best response is usually achieved with a
series input resistor of 25 Ω to 200 Ω, depending on the signal source. Response with some loads (especially
capacitive) can be improved with a resistor of 10 Ω to 150 Ω in series with the output.
Figure 8-2. High Performance Headphone Driver
BUF634
SBOS030C – AUGUST 2000 – REVISED MARCH 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BUF634



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com