Electronic Components Datasheet Search
  English  ▼

X  

LMH6321 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMH6321
Description  BUF634 250mA High-Speed Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH6321 Datasheet(HTML) 1 Page - Texas Instruments

  LMH6321 Datasheet HTML 1Page - Texas Instruments LMH6321 Datasheet HTML 2Page - Texas Instruments LMH6321 Datasheet HTML 3Page - Texas Instruments LMH6321 Datasheet HTML 4Page - Texas Instruments LMH6321 Datasheet HTML 5Page - Texas Instruments LMH6321 Datasheet HTML 6Page - Texas Instruments LMH6321 Datasheet HTML 7Page - Texas Instruments LMH6321 Datasheet HTML 8Page - Texas Instruments LMH6321 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
BUF634 250mA High-Speed Buffer
1 Features
• A newer version of this device is now available:
BUF634A
• High output current: 250mA
• Slew rate: 2000V/µs
• Pin-selected bandwidth: 30MHz to 180MHz
• Low quiescent current: 1.5mA (30MHz BW)
• Wide supply range: ±2.25V to ±18V
• Internal current limit
• Thermal shutdown protection
• Packages:
– 5-pin SOIC
– 5-pin TO-220
– 5-pin TO-263 surface-mount
2 Applications
• Valve driver
• Solenoid driver
• Op amp current booster
• Line driver
• Headphone driver
• Video driver
• Motor driver
• Test equipment
• ATE pin driver
3 Description
The BUF634 is a high-speed, unity-gain, open-loop
buffer recommended for a wide range of applications.
The BUF634 can be used inside the feedback loop of
op amps to increase output current, eliminate thermal
feedback, and improve capacitive load drive.
For low-power applications, the BUF634 operates
on 1.5mA quiescent current with 250mA output,
2000V/µs
slew
rate,
and
30MHz
bandwidth.
Bandwidth can be adjusted from 30MHz to 180MHz
by connecting a resistor between V– and the BW pin.
Output circuitry is fully protected by internal current
limit and thermal shutdown, making the device rugged
and easy to use.
The BUF634 is available in a variety of packages to
meet mechanical and power-dissipation requirements.
Types include SOIC
‑8 surface-mount, 5‑lead TO‑220,
and a 5
‑lead TO‑263 (DDPAK) surface-mount plastic
power packages.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BUF634
D (SOIC, 8)
4.9mm × 6mm
KC (TO-220, 5)
10.16mm × 4.45mm
KTT (TO-263, 5)
10.16mm × 15.24mm
(1)
For more information, see Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
OPA2810
1 2
Boost the Output Current of any Operational Amplifier
BUF634
SBOS030C – AUGUST 2000 – REVISED MARCH 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMH6321

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6321 NSC-LMH6321 Datasheet
1Mb / 21P
300 mA High Speed Buffer with Adjustable Current Limit
LMH6321 NSC-LMH6321 Datasheet
587Kb / 22P
300mA High Speed Buffer with Adjustable Current Limit
logo
Texas Instruments
LMH6321 TI1-LMH6321 Datasheet
1Mb / 31P
300 mA High Speed Buffer with Adjustable Current Limit
LMH6321 TI1-LMH6321 Datasheet
1Mb / 31P
300 mA High Speed Buffer with Adjustable Current Limit
LMH6321 TI-LMH6321 Datasheet
3Mb / 41P
BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
More results

Similar Description - LMH6321

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6121 NSC-LM6121 Datasheet
285Kb / 10P
High Speed Buffer
LM6125 NSC-LM6125 Datasheet
261Kb / 9P
High Speed Buffer
logo
Burr-Brown (TI)
BUF634 BURR-BROWN-BUF634 Datasheet
200Kb / 11P
250mA HIGH-SPEED BUFFER
logo
Calogic, LLC
CLM4121 CALOGIC-CLM4121 Datasheet
58Kb / 6P
High Speed Buffer
CLM6121 CALOGIC-CLM6121 Datasheet
62Kb / 5P
High Speed Buffer
logo
Burr-Brown (TI)
BUF634 BURR-BROWN-BUF634_07 Datasheet
248Kb / 12P
250mA HIGH-SPEED BUFFER
BUF634 BURR-BROWN-BUF634_12 Datasheet
851Kb / 20P
250mA HIGH-SPEED BUFFER
logo
Calogic, LLC
CLM6121 CALOGIC-CLM6121_15 Datasheet
82Kb / 6P
High Speed Buffer
logo
Texas Instruments
LM6121 TI1-LM6121 Datasheet
322Kb / 13P
High Speed Buffer
LM6125 TI1-LM6125 Datasheet
306Kb / 11P
High Speed Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com