Electronic Components Datasheet Search
  English  ▼

X  

CC1310 Datasheet(PDF) 21 Page - Texas Instruments

Part # CC1310
Description  CC1310 SimpleLink™ Ultra-Low-Power Sub-1 GHz Wireless MCU
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1310 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC1310 Datasheet HTML 17Page - Texas Instruments CC1310 Datasheet HTML 18Page - Texas Instruments CC1310 Datasheet HTML 19Page - Texas Instruments CC1310 Datasheet HTML 20Page - Texas Instruments CC1310 Datasheet HTML 21Page - Texas Instruments CC1310 Datasheet HTML 22Page - Texas Instruments CC1310 Datasheet HTML 23Page - Texas Instruments CC1310 Datasheet HTML 24Page - Texas Instruments CC1310 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
21
CC1310
www.ti.com
SWRS181D – SEPTEMBER 2015 – REVISED JULY 2018
Submit Documentation Feedback
Product Folder Links: CC1310
Specifications
Copyright © 2015–2018, Texas Instruments Incorporated
Receive (RX) Parameters, 861 MHz to 1054 MHz (continued)
Measured on the Texas Instruments CC1310EM-7XD-7793 reference design with Tc = 25°C, VDDS = 3.0 V, DC/DC enabled,
fRF = 868 MHz, unless otherwise noted. All measurements are performed at the antenna input with a combined RX and TX
path.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Blocking, ±5 MHz, WB-DSSS, 240 kbps
Wanted signal 3 dB above sensitivity limit.
fRF = 915 MHz, 480 ksym/s, GFSK, 195-kHz deviation,
FEC (half rate), DSSS = 1, 622-kHz RX bandwidth,
BER = 10–2
53, 54
dB
Blocking, ±10 MHz, WB-DSSS, 240 kbps
Wanted signal 3 dB above sensitivity limit.
fRF = 915 MHz, 480 ksym/s, GFSK, 195-kHz deviation,
FEC (half rate), DSSS = 1, 622-kHz RX bandwidth,
BER = 10–2
68, 64
dB
Receiver sensitivity, 10 kbps
GFSK, 19-kHz deviation, 78-kHz RX bandwidth,
BER = 10–2
–114
dBm
Selectivity, ±100 kHz, 10 kbps
Wanted signal 3 dB above sensitivity limit. 10 kbps,
GFSK, 19-kHz deviation, 78-kHz RX bandwidth,
BER = 10–2
40, 40
dB
Selectivity, ±200 kHz, 10 kbps
Wanted signal 3 dB above sensitivity limit. 10 kbps,
GFSK, 19-kHz deviation, 78-kHz RX bandwidth,
BER = 10–2
46, 44
dB
Selectivity, ±400 kHz, 10 kbps
Wanted signal 3 dB above sensitivity limit. 10 kbps,
GFSK, 19-kHz deviation, 78-kHz RX bandwidth,
BER = 10–2
50, 45
dB
Blocking, ±2 MHz, 10 kbps
Wanted signal 3 dB above sensitivity limit. 10 kbps,
GFSK, 19-kHz deviation, 78-kHz RX bandwidth,
BER = 10–2
62, 61
dB
Blocking, ±10 MHz, 10 kbps
Wanted signal 3 dB above sensitivity limit. 10 kbps,
GFSK, 19-kHz deviation, 78-kHz RX bandwidth,
BER = 10–2
76, 72
dB
Image rejection (image compensation
enabled, the image compensation is
calibrated in production), 10 kbps
Wanted signal 3 dB above sensitivity limit. 10 kbps,
GFSK, 19-kHz deviation, 78-kHz RX bandwidth,
BER = 10–2
43
dB
Receiver sensitivity, 4.8 kbps
GFSK, 5.2-kHz deviation, 49-kHz RX bandwidth,
BER = 10–2
–114
dBm
Selectivity, ±100 kHz, 4.8 kbps
Wanted signal 3 dB above sensitivity limit. 4.8 kbps,
GFSK, 5.2-kHz deviation, 49-kHz RX bandwidth,
BER = 10–2
44, 43
dB
Selectivity, ±200 kHz, 4.8 kbps
Wanted signal 3 dB above sensitivity limit. 4.8 kbps,
GFSK, 5.2-kHz deviation, 49-kHz RX bandwidth,
BER = 10–2
49, 48
dB
Selectivity, ±400 kHz, 4.8 kbps
Wanted signal 3 dB above sensitivity limit. 4.8 kbps,
GFSK, 5.2-kHz deviation, 49-kHz RX bandwidth,
BER = 10–2
52, 49
dB
Blocking, ±2 MHz, 4.8 kbps
Wanted signal 3 dB above sensitivity limit. 4.8 kbps,
GFSK, 5.2-kHz deviation, 49-kHz RX bandwidth,
BER = 10–2
64, 63
dB
Blocking, ±10 MHz, 4.8 kbps
Wanted signal 3 dB above sensitivity limit. 4.8 kbps,
GFSK, 5.2-kHz deviation, 49-kHz RX bandwidth,
BER = 10–2
73, 72
dB
Image rejection (image compensation
enabled, the image compensation is
calibrated in production), 4.8 kbps
Wanted signal 3 dB above sensitivity limit. 4.8 kbps,
GFSK, 5.2-kHz deviation, 49-kHz RX bandwidth,
BER = 10–2
43
dB
Receiver sensitivity, CC1101 compatible
mode, 2.4 kbps
GFSK, 5.2-kHz deviation (commonly used settings on
CC1101), 49-kHz RX bandwidth, BER = 10–2
–116
dBm
Selectivity, ±100 kHz, CC1101
compatible mode, 2.4 kbps
Wanted signal 3 dB above sensitivity limit. 2.4 kbps,
GFSK, 5.2-kHz deviation (commonly used settings on
CC1101), 49-kHz RX bandwidth, BER = 10–2
45, 44
dB
Selectivity, ±200 kHz, CC1101
compatible mode, 2.4 kbps
Wanted signal 3 dB above sensitivity limit. 2.4 kbps,
GFSK, 5.2-kHz deviation (commonly used settings on
CC1101), 49-kHz RX bandwidth, BER = 10–2
51, 47
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com